Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9678P Datasheet(PDF) 204 Page - STMicroelectronics

Part # L9678P
Description  Automotive user configurable airbag and battery cut-off IC
PDF  215 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9678P Datasheet(HTML) 204 Page - STMicroelectronics

Back Button L9678P Datasheet HTML 200Page - STMicroelectronics L9678P Datasheet HTML 201Page - STMicroelectronics L9678P Datasheet HTML 202Page - STMicroelectronics L9678P Datasheet HTML 203Page - STMicroelectronics L9678P Datasheet HTML 204Page - STMicroelectronics L9678P Datasheet HTML 205Page - STMicroelectronics L9678P Datasheet HTML 206Page - STMicroelectronics L9678P Datasheet HTML 207Page - STMicroelectronics L9678P Datasheet HTML 208Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 204 / 215 page
background image
Electrical characteristics
L9678P, L9678P-S
204/216
DS11626 Rev 9
Table 61. ISO9141 interface transceiver AC specifications
N°
Symbol
Parameter
Condition
Min. Typ. Max. Unit
1
TFLT_TSD
Thermal shutdown filter
time
-
-
-
10
µs
2
TBLK_ISOK
Current limit fault
blanking time
-
8
-
12
µs
3
TRISE_ISORX
ISORX rise time
80pF load, 20%-80%
-
-
0.5
µs
4
TFALL_ISORX
ISORX fall time
80pF load, 20%-80%
-
-
0.5
µs
5
-
Baud rate
Design Info
-
62.5
-
kBd
6
TPD_ILTX
Propagation delay
transmitter
ISOTX High to Low to ISOK = 70%
* VO_REC_ISOK
RISOK=510Ω, CISOK=470pF
-
-
1
µs
7
TPD_IHTX
ISOTX Low to High to ISOK = 30%
* VO_DOM_ISOK
RISOK=510Ω, CISOK=470pF
-
-
1.5
µs
8
TPD_ILRX
Propagation delay
receiver
ISOK = VTH_DOM_ISOK to ISORX
High to Low
RISOK=510Ω, CISOK=470pF
-
-
1.5
µs
9
TPD_IHRX
ISOK = VTH_REC_ISOK to ISORX
Low to High
RISOK=510Ω, CISOK=470pF
-
-
1.5
µs
10
TRISE_ISOK
ISOK rise time
30% to 70%
RISOK=510Ω, CISOK=470pF
-
-
1.5
µs
11
TFALL_ISOK
ISOK fall time
70% to 30%
RISOK=510Ω, CISOK=470pF
-
-
1.5
µs
12
TPDW_RX
Receiver pulse width
symmetry
TPD_ILRX - TPD_IHRX
-
-
1
µs
13
TPDW_TX
Transmitter pulse width
symmetry
(TPD_ILTX + TFALL_ISOK) – (TPD_IHTX
+ TRISE_ISOK)
-
-
1
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com