Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9678P Datasheet(PDF) 206 Page - STMicroelectronics

Part # L9678P
Description  Automotive user configurable airbag and battery cut-off IC
PDF  215 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9678P Datasheet(HTML) 206 Page - STMicroelectronics

Back Button L9678P Datasheet HTML 202Page - STMicroelectronics L9678P Datasheet HTML 203Page - STMicroelectronics L9678P Datasheet HTML 204Page - STMicroelectronics L9678P Datasheet HTML 205Page - STMicroelectronics L9678P Datasheet HTML 206Page - STMicroelectronics L9678P Datasheet HTML 207Page - STMicroelectronics L9678P Datasheet HTML 208Page - STMicroelectronics L9678P Datasheet HTML 209Page - STMicroelectronics L9678P Datasheet HTML 210Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 215 page
background image
Electrical characteristics
L9678P, L9678P-S
206/216
DS11626 Rev 9
16.23
Voltage diagnostics (analog Mux)
All electrical characteristics are valid for the following conditions unless otherwise noted.
-40 °C  Ta  +95 °C, VINGOOD(max)  VIN  35V.
16.24
Temperature sensor
All electrical characteristics are valid for the following conditions unless otherwise noted.
-40 °C  Ta  +95 °C, VINGOOD(max)  VIN  35V.
Table 63. Voltage diagnostics (Analog MUX) DC specifications
N°
Symbol
Parameter
Condition
Min. Typ. Max. Units
1
Ratio_1
Divider ratios
VIN_RANGE1 = 0.1V … 2.5V
-
1
-
V/V
2
Ratio_4
VINPUT_RANGE2 = 1V … 10V
(where applicable)
-3%
4
+3%
V/V
3
Ratio_7
VINPUT_RANGE_3 = 1.5V … 17.5V
(where applicable)
-3%
7
+3%
V/V
4
Ratio_10
VINPUT_RANGE_4 = 2V … 25V
(where applicable)
-3%
10
+3%
V/V
5
Ratio_15
VINPUT_RANGE_5 = 3V … 35V
(where applicable)
-3%
15
+3%
V/V
6
VOFFSET_RATIO_X Divider offset
High impedance
-10
-
10
mV
7
RRATIO_4
Multiplexer input
resistance
Multiplexer input to GNDA
80
-
-
kΩ
8
RRATIO_7
Multiplexer input to GNDA
120
-
-
kΩ
9
RRATIO_10
Multiplexer input to GNDA
160
-
-
kΩ
10
RRATIO_15
Multiplexer input to GNDA
200
-
-
kΩ
11
ILEAK_RATIO_X
Additional multiplexer
on-state input
leakage current
For All Divider Ratio expect Ratio_1
-
-
60
µA
12
VMEAS_ACC
Voltage
measurement
accuracy
ADC total error included
Table 64. Temperature sensor specifications
N°
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
1
TMON_RANGE
Monitoring temperature
range
-
-40
-
150
°C
2
TMON_ACC
Monitoring temperature
accuracy
-
-15
-
15
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com