Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9678P Datasheet(PDF) 191 Page - STMicroelectronics

Part # L9678P
Description  Automotive user configurable airbag and battery cut-off IC
PDF  215 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9678P Datasheet(HTML) 191 Page - STMicroelectronics

Back Button L9678P Datasheet HTML 187Page - STMicroelectronics L9678P Datasheet HTML 188Page - STMicroelectronics L9678P Datasheet HTML 189Page - STMicroelectronics L9678P Datasheet HTML 190Page - STMicroelectronics L9678P Datasheet HTML 191Page - STMicroelectronics L9678P Datasheet HTML 192Page - STMicroelectronics L9678P Datasheet HTML 193Page - STMicroelectronics L9678P Datasheet HTML 194Page - STMicroelectronics L9678P Datasheet HTML 195Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 215 page
background image
DS11626 Rev 9
191/216
L9678P, L9678P-S
Electrical characteristics
214
Figure 60. Deployment drivers diagram
2. LDEPL could be calculated in the following way:
- Non-ClockSpring Loops
LDEPL(max) = LWire(10m*2) + LEMI = (3.6 µH/m * 10m) + 7.7 µH = 43.7 µH
- ClockSpring Loops
LDEPL(max) = LWire(3m*2) + LCSx + LEMI = (3.6µH/m * 3m) + [42.9 µH * (1 - 0.739)] + 7.7 µH = 29.7 µH
- ClockSpring Loops with short to ground
LDEPL(max) = LWire(3m) + LCSx + LEMI = (1.8µH/m * 3m) + 42.9µH + 7.7µH = 56 µH.
GAPGPS01153
ESD/EMI Protection
Squib EMI
Protection
Squib Load
R_Squib
L_EMI
L_CS1
R_CS1
L_CS2
R_CS2
Clock Spring
Impedance
System Wiring Impedance
R_Wire 1
Wire Lenght (m)
kL_CSX
L_Wire 1
R_Wire 2
L_Wire 2
C_SFx
SFx
SRx
C_SRx
Table 48. Deployment drivers - AC specifications
N°
Symbol
Parameter
Condition
Min.
Typ.
Max. Unit
1
TDEPL_LO
Deployment time
1.209 A rising to 1.209 A
falling
2
-
2.268 ms
2
TDEPL_HI
1.764 A rising to 1.764 A
falling
0.7
-
0.832 ms
3
0.5
-
0.613 ms
4
TDEP_RES
Deployment current counter
resolution
-
0
-
16
µs
5
TRISE_IDEPL
Rise time
10% - 90% of IDEPL
SSxy = 25 V; RSQ = 2.2 Ω,
C = 22 nF, L = 44 µH
-
-
32
µs
6
TDEL_IDEP
Delay time
SPI_CS to 90% IDEPL
-
-
65
µs
7
TFALL_IDEPL
Fall time
90% - 10% IDEPL
-
-
32
µs
8
TDEL_SD-LS
Low-side shutdown delay time
(with respect to high-side
deactivation)
-
50
-
-
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com