Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9678P Datasheet(PDF) 188 Page - STMicroelectronics

Part # L9678P
Description  Automotive user configurable airbag and battery cut-off IC
PDF  215 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9678P Datasheet(HTML) 188 Page - STMicroelectronics

Back Button L9678P Datasheet HTML 184Page - STMicroelectronics L9678P Datasheet HTML 185Page - STMicroelectronics L9678P Datasheet HTML 186Page - STMicroelectronics L9678P Datasheet HTML 187Page - STMicroelectronics L9678P Datasheet HTML 188Page - STMicroelectronics L9678P Datasheet HTML 189Page - STMicroelectronics L9678P Datasheet HTML 190Page - STMicroelectronics L9678P Datasheet HTML 191Page - STMicroelectronics L9678P Datasheet HTML 192Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 215 page
background image
Electrical characteristics
L9678P, L9678P-S
188/216
DS11626 Rev 9
16.15
VSF regulator
All electrical characteristics are valid for the following conditions unless otherwise noted.
-40 °C  Ta  +95 °C, VINGOOD1(max)  VIN  35 V, VSF + 2V  ERBOOST
Table 45. VSF regulator DC specifications
N°
Symbol
Parameter
Condition
Min. Typ. Max. Unit
1
VSF
Output voltage
All line, load, IO_VSF up to 6 mA
SYS_CFG(VSF_V)= 0
18
20
22
V
2
All line, load, IO_VSF up to 6 mA
BST33V = 1, SYS_CFG(VSF_V)= 1
23
25
27
V
3
ILIM_VSF
Output load current limit
Test conditions: VSF = 0
7
10
13
mA
4
VDO_VSF
Drop-out voltage
V(ERBOOST-VSF)
-
-
2
V
5
CVSF
Output capacitance
Design Info.
2.9
-
14
nF
6
ILKG_VSF_OFF VSF input leakage
Device OFF
-5
5
µA
7
RPD_VSF
VSF pull-down resistance
Device ON
VSF regulator OFF or ON
1.5V<VSF<25V
Test condition: VSF = 25V
60
125
188
kΩ
8
IPD_VSF
VSF pull-down current
Device ON
VSF regulator ON
Design Info
34
40
46
µA
9
IPD_VSF_TOT
VSF total pull-down
current
IPD_VSF_TOT = IPD_VSF +
RPD_VSF
Device ON
VSF regulator ON
Test conditions:
– VSF = 25V
– SYS_CGF(VSF_V)= 0
166
230
462
µA
Table 46. VSF regulator AC specifications
N°
Symbol
Parameter
Condition
Min. Typ. Max.
Unit
1
TON,VSF VSF turn on time
CVSF = 14 nF and IO_VSF=0
Measured from VSF_EN = 1 to
VSF inside regulation limits
-
-
100
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com