Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9678P Datasheet(PDF) 187 Page - STMicroelectronics

Part # L9678P
Description  Automotive user configurable airbag and battery cut-off IC
PDF  215 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9678P Datasheet(HTML) 187 Page - STMicroelectronics

Back Button L9678P Datasheet HTML 183Page - STMicroelectronics L9678P Datasheet HTML 184Page - STMicroelectronics L9678P Datasheet HTML 185Page - STMicroelectronics L9678P Datasheet HTML 186Page - STMicroelectronics L9678P Datasheet HTML 187Page - STMicroelectronics L9678P Datasheet HTML 188Page - STMicroelectronics L9678P Datasheet HTML 189Page - STMicroelectronics L9678P Datasheet HTML 190Page - STMicroelectronics L9678P Datasheet HTML 191Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 215 page
background image
DS11626 Rev 9
187/216
L9678P, L9678P-S
Electrical characteristics
214
16.14
VSUP regulator
All electrical characteristics are valid for the following conditions unless otherwise noted.
-40 °C  Ta  +95 °C, VINGOOD2(max)  VIN  35 V.
Table 42. VSUP regulator DC specifications
N°
Symbol
Parameter
Condition
Min. Typ. Max. Unit
1
VO_VSUP
Output voltage
Across all line and load,
steady state
6.5
6.8
7.1
V
2
IO_BVSUP
Base driver current limit
-
4
7
10
mA
3
IO_VSUP
Output load current
-
0.5
200
mA
4
dVSR_ac
Line transient response
All load IO_VDD5;
VIN = 6 V to 18 V @ dt = 1 µs;
Design Info
6.2
7.4
V
5
dVLR_ac
Load transient response
All line;
IO_VDD5= 1mA to 100mA @dt = 1µs;
Design Info
6.2
7.4
V
6
VSUPOV
Over voltage detection
-
7.6
8
V
7
VSUPUV
Under voltage detection -
1.8
2
2.2
V
Table 43. VSUP AC specifications
N°
Symbol
Parameter
Condition
Min. Typ. Max. Unit
1 TSOFTST_VSUP Soft start time
From 10% to 90%
1
2
3
ms
2
TFLT_VSUPOV
Over voltage
deglitch filter time
-
27
30
33
µs
3
TFLT_VSUPUV
Under voltage
deglitch filter time
-
27
30
33
µs
Table 44. VSUP regulator external components (Design Info)
N°
Symbol
Component
Conditions
Min. Typ. Max. Unit
1
hFE_PNP
Output transistor gain
-
50
250
500
A/A
2
Ft_PNP
Output transistor
transit frequency
-
30
-
-
MHz
3
RVSUPBE
Output transistor Base-
Emitter
Pull-up Resistance
-
-
3
-
kΩ
4
CBLK_VSUP
Output Bulk Capacitance
Min 4.7µF nominal
3
-
30
µF
5 ESRCBLK_VSUP Bulk Capacitor ESR
-
-
-
50
mΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com