Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9680 Datasheet(PDF) 50 Page - STMicroelectronics

Part # L9680
Description  Automotive advanced airbag for mid/high end applications and cut-off battery IC
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9680 Datasheet(HTML) 50 Page - STMicroelectronics

Back Button L9680 Datasheet HTML 46Page - STMicroelectronics L9680 Datasheet HTML 47Page - STMicroelectronics L9680 Datasheet HTML 48Page - STMicroelectronics L9680 Datasheet HTML 49Page - STMicroelectronics L9680 Datasheet HTML 50Page - STMicroelectronics L9680 Datasheet HTML 51Page - STMicroelectronics L9680 Datasheet HTML 52Page - STMicroelectronics L9680 Datasheet HTML 53Page - STMicroelectronics L9680 Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 286 page
background image
Start-up and power control
L9680
50/286
DS11615 Rev 7
6.10
VCOREMON external core voltage monitor
The device includes the possibility to monitor the external core voltage of MCU in case an
additional external regulator is used to provide the 1.2V rail. The internal power control state
machine will read the VCCSEL input pin and latch the resulting state upon the VCCBUCK
regulator enters in the VCC_ON state: if VCCSEL is lower than VTH1_L_VCCSEL the VCORE
monitor will be enabled, otherwise, if VCCSEL is higher than VTH1_H_VCCSEL, the VCORE
monitor will be disabled.
In summary:
VCCSEL < VTH1_L_VCCSEL (VCCSEL shorted to ground), to select VCC = 3.3 V and to
enable the VCORE monitor
VTH1_H_VCCSEL < VCCSEL < VTH2_L_VCCSEL (VCCSEL shorted to VCC), to select
VCC = 3.3 V and to disable the VCORE monitor.
VCCSEL > VTH2_H_VCCSEL (VCCSEL shorted to SYNCBOOST), to select VCC = 5 V
and to disable the VCORE monitor.
The VCORE monitor is enabled once the VCC regulator is in VCC_ON state, therefore the
external MCU core voltage regulator (1.2 V) must reach the regulation within 4ms after the
VCC regulator power-up.
Upon latching the VCCSEL state, the VCOREMON activation cannot be changed by the
user.
In case of VCCSEL open pin, an internal pull down current would force VCCSEL to ground
and then the VCORE monitor will be enabled function.
If the VCORE voltage is low and the VCCSEL pin is higher than VTH1_L_VCCSEL, after the
4ms delay from power-up, a latched VCOREMON fault will cause RESET to drive low, even
though VCCSEL pin is high enough to satisfy the disabling of VCOREMON function. This
occurs only once at power-up, and is then appropriately disabled. For this reason the
RESET is released 500 µs (namely the reset_hold_time) after the 4 ms delay from power-up
as showed in Figure 6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com