Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9680 Datasheet(PDF) 39 Page - STMicroelectronics

Part # L9680
Description  Automotive advanced airbag for mid/high end applications and cut-off battery IC
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9680 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button L9680 Datasheet HTML 35Page - STMicroelectronics L9680 Datasheet HTML 36Page - STMicroelectronics L9680 Datasheet HTML 37Page - STMicroelectronics L9680 Datasheet HTML 38Page - STMicroelectronics L9680 Datasheet HTML 39Page - STMicroelectronics L9680 Datasheet HTML 40Page - STMicroelectronics L9680 Datasheet HTML 41Page - STMicroelectronics L9680 Datasheet HTML 42Page - STMicroelectronics L9680 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 286 page
background image
DS11615 Rev 7
39/286
L9680
Start-up and power control
285
Figure 11. IC operating state diagram
6.3
ERBOOST switching regulator
The L9680 IC uses an advanced energy reserve switching regulator operating at 1.882MHz
nominal. The higher switching frequency enables the user to select smaller less expensive
inductors and moves the operating frequency to permit easier compliance with system
emissions.
The ERBoost switching regulator uses a classical peak current mode control loop to
properly regulate the output voltage and includes an over-voltage protection that
immediately switches off the PowerMOS to protect the device. The regulator includes also a
soft start circuit which applies a ramp on the over current threshold from the 40% of
IOC_ERBST value to the maximum one with 16 steps and within 1024 µs. The soft start is
restarted every time the regulator has a transition from the ER_BST_OFF to the
ER_BST_ON state.
The energy reserve boost regulator charges the external system tank capacitor through an
integrated fixed current source significantly reducing in-rush currents typical of large energy
reserve capacitors. The boost circuit provides energy for the reserve capacitor with
assumed run time load of less than 20 mA and to the VSF regulator. Once system shutdown
is initiated or a loss of battery condition is diagnosed, the boost regulator is by default
disabled so that system power can be taken from the energy reserve capacitor.
Alternatively, the ER Boost could be kept on even during the ER State by setting the
SYS_CFG(KEEP_ER_BOOST_ON) bit.
The energy reserve boost regulator defaults to 23 V at power-on and can be set to 33 V
nominal by the user through an SPI command. The boost converter can also be disabled by
the user through an SPI command. Enabling, disabling and setting the boost output voltage
GAPGPS02256
By safing engine
ARMx, VSF determined
(WD2_OVERRIDE OR WD2_RUN)
(WD1_OVERRIDE OR WD1_RUN) &
State
Diag
SSM Reset
SPI SAFING_STATE
State
Safing
State
Init
-W
-HS/LS GPO
-ARM in/out select
-PSINH
Co
^SCRAPKEY state
ACLBAD=2 OR
SPI SCRAP_STATE
State
Arming
State
Scrap
VSF = 0
ARMx = 0
VSF = 1
ARMx = 1
atchdog timing thresholds
nfiguration enabled for:
SCRAPKEY state
ACLGOOD=3 AND
-PSI5/WSS select
-HS/LS GPO
-Deploy mask
-Safing Records and control
-Configuration anabled for:
-WSS
-HS/LS $ HSS FET
-Deploy time
-ARMx, VSF. PSINH
Testing enabled for:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com