Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9680 Datasheet(PDF) 52 Page - STMicroelectronics

Part # L9680
Description  Automotive advanced airbag for mid/high end applications and cut-off battery IC
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9680 Datasheet(HTML) 52 Page - STMicroelectronics

Back Button L9680 Datasheet HTML 48Page - STMicroelectronics L9680 Datasheet HTML 49Page - STMicroelectronics L9680 Datasheet HTML 50Page - STMicroelectronics L9680 Datasheet HTML 51Page - STMicroelectronics L9680 Datasheet HTML 52Page - STMicroelectronics L9680 Datasheet HTML 53Page - STMicroelectronics L9680 Datasheet HTML 54Page - STMicroelectronics L9680 Datasheet HTML 55Page - STMicroelectronics L9680 Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 286 page
background image
Start-up and power control
L9680
52/286
DS11615 Rev 7
Figure 26. Internal voltage monitors
An active low pin output (RESET pin) is driven from the L9680 to allow resetting of external
devices such as the microcontroller, sensors, and other ICs within the ECU.
Three internal reset signals are generated by the device:
POR
Power On Reset - This reset is asserted when a failure is detected in the internal
supplies or bandgap circuits. When active, all other resets are asserted.
WSM_RESET
Watchdog State Machine Reset - This reset is generated when the POR is active or
when a failure is detected in the VCC or VCORE supply.
SSM_RESET
System State Machine Reset - This reset is asserted when the POR or the
WSM_RESET are active, or when a failure is detected in either Watchdog state
machine, or again when the MCUFAULTB pin is active.
The RESET pin is the active-low signal driven on the output pin, and is an inverted form of
SSM_RESET.
The cause of the RESET activation is latched and reported into the Fault Status Register
FLTSR and cleared upon SPI reading.
During the RESET event the logic is under reset but the FLTSR is not reset. So the fault info
will be available as soon as the IC will be out of reset.
The reset generated by the MCUFLT_ERR can be masked by the MCU_FLT_TEST test
mode signal. This allows verification of MCUFLT pin operation and, in turn, microcontroller
fault conditions without asserting a reset. The MCURST bit is still set whether in test mode
or not.
GAPGPS02272
VINT3V3
VBGM
(Monitor)
OV_VINT3V3
UV_VINT3V3
VINT3V3
Monitor
OV_CVDD
UV_CVDD
VDD
Monitor
VDD
VREG_ERR
VCORE_OV
VCORE_ERR
VCORE_UV
VCORE
Monitor
VCORE pin
VCC_OV
VCC_ERR
VCC_UV
VCC
Monitor
VCC
10μs
Deglitch
Filter
1ms
One-shot
Pulse gen
MCUFAULTB pin
MCUFLT_ERR
GNDA
Monitor
GNDA
GNDD
GNDSUBx
GNDD
Monitor
GNDA_ERR
GNDD_ERR
GND_ERR
BSTGND
BSTGND
Monitor
BSTGND_loss
VBG_READY
VBGR
(Reference)
Reference for
Controlling all supplies



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com