Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9680 Datasheet(PDF) 60 Page - STMicroelectronics

Part # L9680
Description  Automotive advanced airbag for mid/high end applications and cut-off battery IC
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9680 Datasheet(HTML) 60 Page - STMicroelectronics

Back Button L9680 Datasheet HTML 56Page - STMicroelectronics L9680 Datasheet HTML 57Page - STMicroelectronics L9680 Datasheet HTML 58Page - STMicroelectronics L9680 Datasheet HTML 59Page - STMicroelectronics L9680 Datasheet HTML 60Page - STMicroelectronics L9680 Datasheet HTML 61Page - STMicroelectronics L9680 Datasheet HTML 62Page - STMicroelectronics L9680 Datasheet HTML 63Page - STMicroelectronics L9680 Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 286 page
background image
0
1 0 1 1 1 0 0 $5C
0
1 0 1 1 1 0 1 $5D
0
1 0 1 1 1 1 0 $5E
0
1 0 1 1 1 1 1 $5F
0
1 1 0 0 0 0 0 $60
0
1 1 0 0 0 0 1 $61
0
1 1 0 0 0 1 0 $62
0
1 1 0 0 0 1 1 $63
0
1 1 0 0 1 0 0 $64 R/W
RS_AUX_CONF1
WSS Threshold configuration register 1
X
0
1 1 0 0 1 0 1 $65 R/W
RS_AUX_CONF2
WSS Threshold configuration register 2
X
0
1 1 0 0 1 1 0 $66 R/W
SAF_ALGO_CONF
Safing Algorithm configuration register
X
0
1 1 0 0 1 1 1 $67
0
1 1 0 1 0 0 0 $68
0
1 1 0 1 0 0 1 $69
0
1 1 0 1 0 1 0 $6A
R
ARM_STATE
Status of arming signals
0
1 1 0 1 0 1 1 $6B
0
1 1 0 1 1 0 0 $6C
0
1 1 0 1 1 0 1 $6D
0
1 1 0 1 1 1 0 $6E R/W
LOOP_MATRIX_ARM1
Assignment of ARM 1 pin to which LOOPS
X
0
1 1 0 1 1 1 1 $6F R/W
LOOP_MATRIX_ARM2
Assignment of ARM 2 pin to which LOOPS
X
0
1 1 1 0 0 0 0 $70 R/W
LOOP_MATRIX_ARM3
Assignment of ARM 3 pin to which LOOPS
X
0
1 1 1 0 0 0 1 $71 R/W
LOOP_MATRIX_ARM4
Assignment of ARM 4 pin to which LOOPS
X
0
1 1 1 0 0 1 0 $72
Table 6.Global SPI register map (continued)
GID
RID / WID
Hex R/W
Name
Description
Operating State(1)
Init Diag Safing Scrap Arming



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com