Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9680 Datasheet(PDF) 14 Page - STMicroelectronics

Part # L9680
Description  Automotive advanced airbag for mid/high end applications and cut-off battery IC
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9680 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L9680 Datasheet HTML 10Page - STMicroelectronics L9680 Datasheet HTML 11Page - STMicroelectronics L9680 Datasheet HTML 12Page - STMicroelectronics L9680 Datasheet HTML 13Page - STMicroelectronics L9680 Datasheet HTML 14Page - STMicroelectronics L9680 Datasheet HTML 15Page - STMicroelectronics L9680 Datasheet HTML 16Page - STMicroelectronics L9680 Datasheet HTML 17Page - STMicroelectronics L9680 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 286 page
background image
Absolute maximum ratings
L9680
14/286
DS11615 Rev 7
2
Absolute maximum ratings
This part may be irreparably damaged if taken outside the specified absolute maximum
ratings. Operation above the absolute maximum ratings may also cause a decrease in
reliability.
The operating junction temperature range is -40 °C to +150 °C. The maximum junction
temperature must not be exceeded except when in deployment and within the deploy power
stages. Deployment is possible starting with a junction temperature of 150 °C. A power
dissipation calculation has to be performed for the final application limiting the available
functionality to a subset of it in order to respect to the power dissipation capability.
Table 1. Absolute maximum ratings
Pin#
Pin name
Pin function
Min
Max
Unit
1
CS_RS
Remote SPI interface chip select
-0.3
VCC+0.3  6.5
V
2
SCLK_RS
Remote SPI interface clock
-0.3
VCC+0.3  6.5
V
3
MOSI_RS
Remote SPI interface data in
-0.3
VCC+0.3  6.5
V
4
MISO_RS
Remote SPI interface data out
-0.3
VCC+0.3  6.5
V
5
RESET
Reset output
-0.3
VCC+0.3  6.5
V
6
MISO_G
Global SPI interface data out
-0.3
VCC+0.3  6.5
V
7
MOSI_G
Global SPI interface data in
-0.3
VCC+0.3  6.5
V
8
SCLK_G
Global SPI interface clock
-0.3
VCC+0.3  6.5
V
9
CS_G
Global SPI interface chip select
-0.3
VCC+0.3  6.5
V
10
WDT/TM
Watchdog disable
-0.3
20
V
11
SR4
Squib/pyroswitch 4 low-side pin
-0.3
35
V
12
SF4
Squib/pyroswitch 4 high-side pin
-1.0
40
V
13
SS45
Squib/pyroswitch 4 & 5 deployment supply pin
-0.3
40
V
14
SF5
Squib/pyroswitch 5 high-side pin
-1.0
40
V
15
SR5
Squib/pyroswitch 5 low-side pin
-0.3
35
V
16
SR0
Squib/pyroswitch 0 low-side pin
-0.3
35
V
17
SF0
Squib/pyroswitch 0 high-side pin
-1.0
40
V
18
SS01
Squib/pyroswitch 0 & 1 deployment supply pin
-0.3
40
V
19
SF1
Squib/pyroswitch 1 high-side pin
-1.0
40
V
20
SR1
Squib/pyroswitch 1 low-side pin
-0.3
35
V
21
SR8
Squib/pyroswitch 8 low-side pin
-0.3
35
V
22
SF8
Squib/pyroswitch 8 high-side pin
-1.0
40
V
23
SS89
Squib/pyroswitch 8 & 9 deployment supply pin
-0.3
40
V
24
SF9
Squib/pyroswitch 9 high-side pin
-1.0
40
V
25
SR9
Squib/pyroswitch 9 low-side pin
-0.3
35
V
26
DCS8
DC Sensor interface channel 8
-2
40
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com