Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9680 Datasheet(PDF) 41 Page - STMicroelectronics

Part # L9680
Description  Automotive advanced airbag for mid/high end applications and cut-off battery IC
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9680 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button L9680 Datasheet HTML 37Page - STMicroelectronics L9680 Datasheet HTML 38Page - STMicroelectronics L9680 Datasheet HTML 39Page - STMicroelectronics L9680 Datasheet HTML 40Page - STMicroelectronics L9680 Datasheet HTML 41Page - STMicroelectronics L9680 Datasheet HTML 42Page - STMicroelectronics L9680 Datasheet HTML 43Page - STMicroelectronics L9680 Datasheet HTML 44Page - STMicroelectronics L9680 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 286 page
background image
DS11615 Rev 7
41/286
L9680
Start-up and power control
285
Figure 13. ERBOOST regulator state diagram
6.4
Energy reserve capacitor charging and discharging circuits
The energy reserve capacitor connected to VER pin can be charged in an efficient way by
means of a current generator. Its capability is 65 mA nominal, so that for example a 10 mF
capacitor can be charged in approximately 4 s to 24 V. The current generator is activated or
deactivated by SPI command only while in ACTIVE mode. When not in ACTIVE mode, the
generator is always switched off in order to decouple ERBOOST node voltage from VER
reserve voltage.
Figure 14. ER charge state diagram
L9680 also offers a safe control to discharge the ER capacitor by means of a fixed current
generator. This discharge can be controlled via SPI command while not in SLEEP mode.
Furthermore, this discharge circuit is mutually exclusive with the ER charging circuit, to
avoid inefficient way of controlling the charge on the VER energy reserve capacitor.
ER BST ON
(Active_mode = 1 AND
VBATMON > VBGOOD)
OR
(ER_state=1 AND
SYS_CFG(KEEP_ERBST_ON)=1)
AND
VIN > VINGOOD
AND
SYS_CTL(ER_BST_EN)=1
AND
GNDBOOST_loss = 0
AND
ERBST_OT=0
AND
ERBST_DISABLE=0
Default SYS_CTL(ER_BST_EN) = 1
at POR = 1
[(Active_mode = 0 OR
VBATMON < VBBAD)
AND
(ER_state=0 OR
SYS_CFG(KEEP_ERBST_ON)=0)]
OR
VIN < VINBAD
OR
SYSCTL(ER_BST_EN) = 0
OR
GNDBOOST_loss = 1
OR
ERBST_DISABLE=1
ER BOOST
power mode control
ER BST OFF
ERBST_OT=1/
ER BST OT
SPI_FLTSR READ
AND
ERBST_OT=0
ERBST_OT=1
ER BST STBY
SPI_SYS_CTL(ER_BST_EN=1)
AND
ERBST_OT=0
POWER-OFF_MODE
OR SLEEP_MODE
GAPGPS02259
Active_mode = 1
AND
SYS_CTL(ER_CUR_EN[1:0]) = 01
AND
“ER CAP ESR DIAG not in progress”
Active_mode = 0
OR
SYS_CTL(ER_CUR_EN[1:0])
01
SSM_Reset
ER CHARGE
ON
ER CHARGE
OFF
ERCHARGE_OT=1
ER CHARGE
OT
ER CHARGE
STBY
Default SYS_CTL(ER_CUR_EN[1:0]) = 00 at
SSM_RESET = 1
ERCHARGE_OT=1
SPI_SYS_CTL(ER_CUR_EN[1:0]) = 01
AND
ERCHARGE_OT=0
SPI_FLTSR READ
AND
ERCHARGE_OT=0
power mode control
ER Charge
GAPGPS02260



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com