Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9680 Datasheet(PDF) 18 Page - STMicroelectronics

Part # L9680
Description  Automotive advanced airbag for mid/high end applications and cut-off battery IC
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9680 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button L9680 Datasheet HTML 14Page - STMicroelectronics L9680 Datasheet HTML 15Page - STMicroelectronics L9680 Datasheet HTML 16Page - STMicroelectronics L9680 Datasheet HTML 17Page - STMicroelectronics L9680 Datasheet HTML 18Page - STMicroelectronics L9680 Datasheet HTML 19Page - STMicroelectronics L9680 Datasheet HTML 20Page - STMicroelectronics L9680 Datasheet HTML 21Page - STMicroelectronics L9680 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 286 page
background image
Operative maximum ratings
L9680
18/286
DS11615 Rev 7
3
Operative maximum ratings
Within the operating ratings the part operates as specified and without parameter
deviations. Once taken beyond the operative ratings and returned back within, the part will
recover with no damage or degradation.
Additional supply voltage and temperature conditions are given separately at the beginning
of each specification table.
Table 2. Operative maximum ratings
Pin
#
Pin name
Pin function
Min
Max
Unit
1
CS_RS
Remote SPI interface chip select
-0.1
VCC+0.1  5.5
V
2
SCLK_RS
Remote SPI interface clock
-0.1
VCC+0.1  5.5
V
3
MOSI_RS
Remote SPI interface data in
-0.1
VCC+0.1  5.5
V
4
MISO_RS
Remote SPI interface data out
-0.1
VCC+0.1  5.5
V
5
RESET
Reset output
-0.1
VCC+0.1  5.5
V
6
MISO_G
Global SPI interface data out
-0.1
VCC+0.1  5.5
V
7
MOSI_G
Global SPI interface data in
-0.1
VCC+0.1  5.5
V
8
SCLK_G
Global SPI interface clock
-0.1
VCC+0.1  5.5
V
9
CS_G
Global SPI interface chip select
-0.1
VCC+0.1  5.5
V
10
WDT/TM
Watchdog disable
-0.1
15
V
11
SR4
Squib/pyroswitch 4 low-side pin
-0.1
SS45
V
12
SF4
Squib/pyroswitch 4 high-side pin
-1.0
SS45
V
13
SS45
Squib/pyroswitch 4 & 5 deployment supply
pin
-0.1
VER
V
14
SF5
Squib/pyroswitch 5 high-side pin
-1.0
SS45
V
15
SR5
Squib/pyroswitch 5 low-side pin
-0.1
SS45
V
16
SR0
Squib/pyroswitch 0 low-side pin
-0.1
SS01
V
17
SF0
Squib/pyroswitch 0 high-side pin
-1.0
SS01
V
18
SS01
Squib/pyroswitch 0 & 1 deployment supply
pin
-0.1
VER
V
19
SF1
Squib/pyroswitch 1 high-side pin
-1.0
SS01
V
20
SR1
Squib/pyroswitch 1 low-side pin
-0.1
SS01
V
21
SR8
Squib/pyroswitch 8 low-side pin
-0.1
SS89
V
22
SF8
Squib/pyroswitch 8 high-side pin
-1.0
SS89
V
23
SS89
Squib/pyroswitch 8 & 9 deployment supply
pin
-0.1
VER
V
24
SF9
Squib/pyroswitch 9 high-side pin
-1.0
SS89
V
25
SR9
Squib/pyroswitch 9 low-side pin
-0.1
SS89
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com