Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9680 Datasheet(PDF) 23 Page - STMicroelectronics

Part # L9680
Description  Automotive advanced airbag for mid/high end applications and cut-off battery IC
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9680 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button L9680 Datasheet HTML 19Page - STMicroelectronics L9680 Datasheet HTML 20Page - STMicroelectronics L9680 Datasheet HTML 21Page - STMicroelectronics L9680 Datasheet HTML 22Page - STMicroelectronics L9680 Datasheet HTML 23Page - STMicroelectronics L9680 Datasheet HTML 24Page - STMicroelectronics L9680 Datasheet HTML 25Page - STMicroelectronics L9680 Datasheet HTML 26Page - STMicroelectronics L9680 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 286 page
background image
DS11615 Rev 7
23/286
L9680
Overview and block diagram
285
5
Overview and block diagram
The L9680 IC is an application specific standard component air bag system chip. Its main
functions include, power management, deployment drivers, remote sensor interfaces (PSI-5
satellite sensors or active wheel speed sensors), diagnostics, deployment arming, hall-
effect sensor interface, general purpose output drivers, watchdog timer, microcontroller
failsafe input and control and a dedicated passenger airbag disarm signal. A block diagram
for this IC is shown in Figure 2.
Figure 2. Device function block diagram
GAPGPS02248
ER Boost Regulator
(23V / 33V)
SYNC Boost
Regulator
(12V)
SAT Buck Regulator
(8V)
Energy Reserve
Crossover Control
VCC Buck Regulator
(3.3V/ 5V)
ER CAP Diagnostics
and
Charge Control
Remote Sensor
Interface
Deployment Drivers
Configurable
General Purpose
Output Drivers
DC Sensor
Interface
Wake-up &
Power Moding
Control
Global Configuration &
Control
Remote Sensor
Configuration &
Control
Arming, Scrapping & CPU Integrity Monitor
Watchdog
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
WAKEUP
VIN
ERBSTSW
ERBOOST
VER
SYNCBSTSW
SYNCBOOST
SATGND
X
X
X
MCUFAULTB
Bias, Diagnostics & ADC
X
X
X
RSU0
X
RSU1
RSU2
RSU3
X
X
X
X
X
X
X
X
……..
SSAB
SF0
SR0
X
X
X
X
X
X
SFB
SRB
X
BSTGND
X
HSSREG
X
VSF
SATSYNC
X
X
X
X
X
X
X
X
X
X
X
X
GNDSUB1 /
Exposed Pad
X
X
X
VBATMON
X
SS01
X
WD2_LOCKOUT
GNDSUB2 /
Exposed Pad
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com