Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9680 Datasheet(PDF) 58 Page - STMicroelectronics

Part # L9680
Description  Automotive advanced airbag for mid/high end applications and cut-off battery IC
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9680 Datasheet(HTML) 58 Page - STMicroelectronics

Back Button L9680 Datasheet HTML 54Page - STMicroelectronics L9680 Datasheet HTML 55Page - STMicroelectronics L9680 Datasheet HTML 56Page - STMicroelectronics L9680 Datasheet HTML 57Page - STMicroelectronics L9680 Datasheet HTML 58Page - STMicroelectronics L9680 Datasheet HTML 59Page - STMicroelectronics L9680 Datasheet HTML 60Page - STMicroelectronics L9680 Datasheet HTML 61Page - STMicroelectronics L9680 Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 286 page
background image
0
0 1 0 1 1 1 0 $2E
R
SCRAP_SEED
Scrap Seed command
0
0 1 0 1 1 1 1 $2F W
SCRAP_KEY
Scrap Key command
X
X
0
0 1 1 0 0 0 0 $30 W
SCRAP_STATE
Scrap State command
X
0
0 1 1 0 0 0 1 $31 W
SAFING_STATE
Safing State command
X
0
0 1 1 0 0 1 0 $32 W
WD2_RECOVER
Watchdog second level recovery command
X
X
X
X
X
0
0 1 1 0 0 1 1 $33
R
WD2_SEED
Watchdog second level seed transmission
0
0 1 1 0 1 0 0 $34 W
WD2_KEY
Watchdog second level key transmission
X
X
X
X
X
0
0 1 1 0 1 0 1 $35 W
WD_TEST
Watchdog first and second level test
X
X
X
X
X
0
0 1 1 0 1 1 0 $36 R/W
SYSDIAGREQ
Diagnostic command for system safing
X
0
0 1 1 0 1 1 1 $37
R
LPDIAGSTAT
Diagnostic result register for deployment
loops
0
0 1 1 1 0 0 0 $38 R/W
LPDIAGREQ
Diagnostic configuration command for
deployment loops
X
X
X
X
0
0 1 1 1 0 0 1 $39 R/W
SWCTRL
DC sensor diagnostic configuration
X
X
X
X
0
0 1 1 1 0 1 0 $3A R/W
DIAGCTRL_A
In WID is AtoD converter control register A. In
RID is AtoD result A request.
X
X
X
X
0
0 1 1 1 0 1 1 $3B R/W
DIAGCTRL_B
In WID is AtoD converter control register B. In
RID is AtoD result B request.
X
X
X
X
0
0 1 1 1 1 0 0 $3C R/W
DIAGCTRL_C
In WID is AtoD converter control register C. In
RID is AtoD result C request.
X
X
X
X
0
0 1 1 1 1 0 1 $3D R/W
DIAGCTRL_D
In WID is AtoD converter control register D. In
RID is AtoD result D request.
X
X
X
X
0
0 1 1 1 1 1 0 $3E
0
0 1 1 1 1 1 1 $3F R/W
SW_REGS_CONF
Configuration register for switching regulators
X
X
X
X
0
1 0 0 0 0 0 0 $40
0
1 0 0 0 0 0 1 $41
0
1 0 0 0 0 1 0 $42 R/W
GPOCR
General Purpose Output configuration
X
X
Table 6.Global SPI register map (continued)
GID
RID / WID
Hex R/W
Name
Description
Operating State(1)
Init Diag Safing Scrap Arming



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com