Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9680 Datasheet(PDF) 158 Page - STMicroelectronics

Part # L9680
Description  Automotive advanced airbag for mid/high end applications and cut-off battery IC
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9680 Datasheet(HTML) 158 Page - STMicroelectronics

Back Button L9680 Datasheet HTML 154Page - STMicroelectronics L9680 Datasheet HTML 155Page - STMicroelectronics L9680 Datasheet HTML 156Page - STMicroelectronics L9680 Datasheet HTML 157Page - STMicroelectronics L9680 Datasheet HTML 158Page - STMicroelectronics L9680 Datasheet HTML 159Page - STMicroelectronics L9680 Datasheet HTML 160Page - STMicroelectronics L9680 Datasheet HTML 161Page - STMicroelectronics L9680 Datasheet HTML 162Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 286 page
background image
SPI interfaces
L9680
158/286
DS11615 Rev 7
Cleared by SSM_RESET or SPI read or when channel is commanded OFF
via SPI RSCTRL or if one of the following is set: STG, STB, CURRENT_HI,
OPEN_DET,
RSTEMP, SLOT ERROR (PSI5), PULSE OVERFLOW ERROR (WSS) or if a
new valid data is received
Set in PSI5 configuration when two valid start bits are received and a
Manchester error (# of bits, bit timing) or parity error is detected
Set in WSS configuration when parity error is detected (when this check is
feasible). Valid only for VDA sensor.
0 No fault
1 Fault
NODATA
1
1
1 No Data in buffer
Cleared when a valid PSI5/WSS frame is received or if one of the following is
set: STG, STB, CURRENT_HI, OPEN_DET, RSTEMP, SLOT ERROR,
PULSE OVERFLOW ERROR, INVALID
Set upon SPI read of RSDRx and none of the following bits are set: STG,
STB, CURRENT_HI, OPEN_DET, RSTEMP, SLOT ERROR, PULSE
OVERFLOW ERROR, INVALID
0 No fault
1 Fault
PULSE
OVERFLOW
ERROR
0
0
0 Pulse duration counter overflow (valid only for PWM 2 edges sensors)
Cleared by SSM_RESET or SPI read or when channel is commanded OFF
via SPI RSCTRL
0 No fault
1 Fault
SLOT ERROR
0
0
0 Slot error fault (valid only for PSI5 sensors
Cleared by SSM_RESET or SPI read or when channel is commanded OFF
via SPI RSCTRL or if one of the following is set: STG, STB,
CURRENT_HI, OPEN_DET, RSTEMP or if a new valid data is received
Set in case of slot control enabled and frame not completely inside slot or
more than one frame inside the slot
0 No fault
1 Fault



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com