Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9680 Datasheet(PDF) 197 Page - STMicroelectronics

Part # L9680
Description  Automotive advanced airbag for mid/high end applications and cut-off battery IC
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9680 Datasheet(HTML) 197 Page - STMicroelectronics

Back Button L9680 Datasheet HTML 193Page - STMicroelectronics L9680 Datasheet HTML 194Page - STMicroelectronics L9680 Datasheet HTML 195Page - STMicroelectronics L9680 Datasheet HTML 196Page - STMicroelectronics L9680 Datasheet HTML 197Page - STMicroelectronics L9680 Datasheet HTML 198Page - STMicroelectronics L9680 Datasheet HTML 199Page - STMicroelectronics L9680 Datasheet HTML 200Page - STMicroelectronics L9680 Datasheet HTML 201Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 197 / 286 page
background image
DS11615 Rev 7
197/286
L9680
DC sensor interface
285
Each output is protected against
Overload conditions by current limit
Ground offset between the ECU and the loads of up to ±1 V.
Loss of ECU battery
Loss of ground
Unpowered shorts to battery
Shorts to ground
11.1
Passenger inhibit interface
L9680 provides a feature to deactivate passenger restraint devices based on a
preprogrammed mask. It generates a signal (PSINHINT) based on microcontroller-initiated
measurements performed on DC Sensor channel 0. The PSINHINT signal is bitwise AND-
ed with the LOOP_MATRIX_PSINH mask register, allowing selective deactivation of
squib/pyroswitch loops independent of microcontroller control. This signal is also inverted
and output on the PSINHB pin of the IC to activate externally controlled squib/pyroswitch
loops.
Figure 50. Passenger inhibit logic diagram
An upper and lower threshold is preprogrammed via SPI by writing the desired 10-bit values
into the PADTHRESH_HI and PADTHRESH_LO registers during the Diag state. These
thresholds define the measurement window where the passenger restraints are active. Any
measurement outside this window will result in the assertion of the PSINHINT signal (as
described below), thereby deactivating the squib/pyroswitch loops identified in the PSINH
mask. The PSINH mask is also preprogrammed during the Diag state.
ADCREQ_y[6:0] = DCSx_I
SYS_CFG(DCS_PAD_V)
ADCREQ_y[6:0] = DCSx_V
SAFING state
DCS0 ON
NEWDATA_y
In window
DEP_DISABLED state
DIAG state
DSTEST(PSINH)
SET
to 1s
EN
Down CTR
SSM RESET
CLR
PSINHB
0
1
PSINHINT
PSINHSEL
PSINH_POL
0: Outside window inh
1: Inside window inh
SWCTRL(CHID) = ‘0000’
+
_
ADCRES_y[9:0]
PADTHRESH_HI
PADTHRESH_LO
250Hz
GAPGPS02289



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com