Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8874PWPRG4 Datasheet(PDF) 15 Page - Texas Instruments

Part # DRV8874PWPRG4
Description  DRV8874 H-Bridge Motor Driver With Integrated Current Sense and Regulation
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRV8874PWPRG4 Datasheet(HTML) 15 Page - Texas Instruments

Back Button DRV8874PWPRG4 Datasheet HTML 11Page - Texas Instruments DRV8874PWPRG4 Datasheet HTML 12Page - Texas Instruments DRV8874PWPRG4 Datasheet HTML 13Page - Texas Instruments DRV8874PWPRG4 Datasheet HTML 14Page - Texas Instruments DRV8874PWPRG4 Datasheet HTML 15Page - Texas Instruments DRV8874PWPRG4 Datasheet HTML 16Page - Texas Instruments DRV8874PWPRG4 Datasheet HTML 17Page - Texas Instruments DRV8874PWPRG4 Datasheet HTML 18Page - Texas Instruments DRV8874PWPRG4 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 42 page
background image
IOUT
Drive
Decay
Drive
Decay
VIPROPI
Control
Input
Drive
nFAULT
Chop
ITRIP
VOUT
15
DRV8874
www.ti.com
SLVSF66A – AUGUST 2019 – REVISED DECEMBER 2019
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Figure 14. Cycle-By-Cycle Current Regulation Where nFAULT Acts as Current Chopping Indicator
No device functionality is affected when the nFAULT pin is pulled low for the current chopping indicator. The
nFAULT pin is only used as an indicator and the device will continue normal operation. To distinguish a device
fault (outlined in the Protection Circuits section) from the current chopping indicator, the nFAULT pin can be
compared with the control inputs. The current chopping indicator can only assert when the control inputs are
commanding a forward or reverse drive state (Figure 10). If the nFAULT pin behavior deviates from the operation
shown in Figure 14 then one of the following situations has occurred:
•
If a device fault has occurred, then the nFAULT pin pulls low to indicate a fault condition rather than current
chopping. Depending on the device fault, nFAULT may remain low even when the control inputs are
commanding the high-Z or slow-decay states.
•
When the control inputs transition from drive to slow decay, the nFAULT pin will go high for tBLK then be
pulled low again if IOUT > ITRIP. This may be caused by a PWM frequency or duty cycle on the control inputs
with a off-time that is too short for the IOUT current to decay below the ITRIP threshold. Figure 15 shows an
example of this condition. The condition IOUT > ITRIP can be viewed on an oscilloscope as VIPROPI > VREF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com