Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8874PWPRG4 Datasheet(PDF) 21 Page - Texas Instruments

Part # DRV8874PWPRG4
Description  DRV8874 H-Bridge Motor Driver With Integrated Current Sense and Regulation
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRV8874PWPRG4 Datasheet(HTML) 21 Page - Texas Instruments

Back Button DRV8874PWPRG4 Datasheet HTML 17Page - Texas Instruments DRV8874PWPRG4 Datasheet HTML 18Page - Texas Instruments DRV8874PWPRG4 Datasheet HTML 19Page - Texas Instruments DRV8874PWPRG4 Datasheet HTML 20Page - Texas Instruments DRV8874PWPRG4 Datasheet HTML 21Page - Texas Instruments DRV8874PWPRG4 Datasheet HTML 22Page - Texas Instruments DRV8874PWPRG4 Datasheet HTML 23Page - Texas Instruments DRV8874PWPRG4 Datasheet HTML 24Page - Texas Instruments DRV8874PWPRG4 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
21
DRV8874
www.ti.com
SLVSF66A – AUGUST 2019 – REVISED DECEMBER 2019
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Typical Application (continued)
8.2.1.1 Design Requirements
Table 8. Design Parameters
REFERENCE
DESIGN PARAMETER
EXAMPLE VALUE
VM
Motor and driver supply voltage
24 V
VCC
Controller supply voltage
3.3 V
IRMS
Output RMS current
0.5 A
fPWM
Switching frequency
20 kHz
ITRIP
Current regulation trip point
1 A
AIPROPI
Current sense scaling factor
455 µA/A
RIPROPI
IPROPI external resistor
5.5 kΩ
VREF
Current regulation reference voltage
2.5 V
VADC
Controller ADC reference voltage
2.5 V
RREF1
VREF external resistor
16 kΩ
RREF2
VREF external resistor
50 kΩ
TA
PCB ambient temperature
–20 to 85 °C
TJ
Device max junction temperature
150 °C
RθJA
Device junction to ambient thermal resistance
35 °C/W
8.2.1.2 Detailed Design Procedure
8.2.1.2.1
Current Sense and Regulation
The DRV887x family of devices provide integrated regulation and sensing out the output current.
The current sense feedback is configured by scaling the RIPROPI resistor to properly sense the scaled down
output current from IPROPI within the dynamic voltage range of the controller ADC. An example of this is shown.
RIPROPI <= VADC / (ITRIP x AIPROPI)
(4)
RIPROPI = 5.5 kΩ <= 2.5 V / (1 A x 455 µA/A)
(5)
If VADC = 2.5 V, ITRIP = 1 A, and AIPROPI = 455 µA/A then to maximize the dynamic IPROPI voltage range an
RIPROPI of approximately 5.5 kΩ should be selected.
The accuracy tolerance of RIPROPI can be selected based on the application requirements. 10%, 5%, 1%, 0.1%
are all valid tolerance values. The typical recommendation is 1% for best tradeoff between performance and cost.
The output current regulation trip point (ITRIP) is configured with a combination of VREF and RIPROPI. Since RIPROPI
was previously calculated and AIPROPI is a constant, all the remains is to calculate VREF.
VREF = RIPROPI x (ITRIP x AIPROPI)
(6)
VREF = 2.5 V = 5.5 kΩ x (1 A x 455 µA/A)
(7)
If RIPROPI = 5.5 kΩ, ITRIP = 1 A, and AIPROPI = 455 µA/A then VREF should be set to 2.5 V.
VREF can be generated with a simple resistor divider (RREF1 and RREF2) from the controller supply voltage. The
resistor sizing can be achieved by selecting a value for RREF1 and calculating the required value for RREF2.
8.2.1.2.2
Power Dissipation and Output Current Capability
The output current and power dissipation capabilities of the device are heavily dependent on the PCB design and
external system conditions. This section provides some guidelines for calculating these values.
Total power dissipation for the device is composed of three main components. These are the quiescent supply
current dissipation, the power MOSFET switching losses. and the power MOSFET RDS(on) (conduction) losses.
While other factors may contribute additional power losses, these other items are typically insignificant compared
to the three main items.
PTOT = PVM + PSW + PRDS
(8)
PVM can be calculated from the nominal supply voltage (VM) and the IVM active mode current specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com