Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8874PWPRG4 Datasheet(PDF) 9 Page - Texas Instruments

Part # DRV8874PWPRG4
Description  DRV8874 H-Bridge Motor Driver With Integrated Current Sense and Regulation
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRV8874PWPRG4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button DRV8874PWPRG4 Datasheet HTML 5Page - Texas Instruments DRV8874PWPRG4 Datasheet HTML 6Page - Texas Instruments DRV8874PWPRG4 Datasheet HTML 7Page - Texas Instruments DRV8874PWPRG4 Datasheet HTML 8Page - Texas Instruments DRV8874PWPRG4 Datasheet HTML 9Page - Texas Instruments DRV8874PWPRG4 Datasheet HTML 10Page - Texas Instruments DRV8874PWPRG4 Datasheet HTML 11Page - Texas Instruments DRV8874PWPRG4 Datasheet HTML 12Page - Texas Instruments DRV8874PWPRG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
VM
Gate Driver
LS
VDD
HS
VVCP
OUT1
VM
Gate Driver
LS
VDD
HS
VVCP
PGND
OUT2
Fault Output
nFAULT
RPU
Power
VM
0.1 …F
VM
VCP
0.1 …F
VCP
Charge
Pump
Internal
Regulator
Digital
Core
Control
Inputs
EN/IN1
PH/IN2
PMODE
nSLEEP
ISEN1
ISEN2
Current
Sense
ISEN2
ISEN1
IPROPI
CPH
CPL
0.022 …F
VVCC
RIPROPI
VREF
+
±
IMODE
VVCC
GND
3-Level
4-Level
IPROPI
Clamp
VVCP
VDD
9
DRV8874
www.ti.com
SLVSF66A – AUGUST 2019 – REVISED DECEMBER 2019
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The DRV887x family of devices are brushed DC motor drivers that operate from 4.5 to 37-V supporting a wide
range of output load currents for various types of motors and loads. The devices integrate an H-bridge output
power stage that can be operated in different control modes set by the PMODE pin setting. This allows for driving
a single bidirectional brushed DC motor, two unidirectional brushed DC motors, or other output load
configurations. The devices integrate a charge pump regulator to support more efficient high-side N-channel
MOSFETs and 100% duty cycle operation. The devices operate from a single power supply input (VM) which can
be directly connected to a battery or DC voltage supply. The nSLEEP pin provides an ultra-low power mode to
minimize current draw during system inactivity.
The DRV887x family of devices also integrate current sense output using current mirrors on the low-side power
MOSFETs. The IPROPI pin sources a small current that is proportional to the current in the MOSFETs. This
current can be converted to a proportional voltage using an external resistor (RIPROPI). The integrated current
sensing allows the DRV887x devices to limit the output current with a fixed off-time PWM chopping scheme and
provide load information to the external controller to detect changes in load or stall conditions. The integrated
current sensing outperforms traditional external shunt resistor sensing by providing current information even
during the off-time slow decay recirculating period and removing the need for an external power shunt resistor.
The off-time PWM current regulation level can be configured during motor operation through the VREF pin to
limit the load current accordingly to the system demands.
A variety of integrated protection features protect the device in the case of a system fault. These include
undervoltage lockout (UVLO), charge pump undervoltage (CPUV), overcurrent protection (OCP), and
overtemperature shutdown (TSD). Fault conditions are indicated on the nFAULT pin.
7.2 Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com