Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8874PWPRG4 Datasheet(PDF) 28 Page - Texas Instruments

Part # DRV8874PWPRG4
Description  DRV8874 H-Bridge Motor Driver With Integrated Current Sense and Regulation
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRV8874PWPRG4 Datasheet(HTML) 28 Page - Texas Instruments

Back Button DRV8874PWPRG4 Datasheet HTML 24Page - Texas Instruments DRV8874PWPRG4 Datasheet HTML 25Page - Texas Instruments DRV8874PWPRG4 Datasheet HTML 26Page - Texas Instruments DRV8874PWPRG4 Datasheet HTML 27Page - Texas Instruments DRV8874PWPRG4 Datasheet HTML 28Page - Texas Instruments DRV8874PWPRG4 Datasheet HTML 29Page - Texas Instruments DRV8874PWPRG4 Datasheet HTML 30Page - Texas Instruments DRV8874PWPRG4 Datasheet HTML 31Page - Texas Instruments DRV8874PWPRG4 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 42 page
background image
28
DRV8874
SLVSF66A – AUGUST 2019 – REVISED DECEMBER 2019
www.ti.com
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
8.2.2.1 Design Requirements
Table 10. Design Parameters
REFERENCE
DESIGN PARAMETER
EXAMPLE VALUE
VM
Motor and driver supply voltage
24 V
VCC
Controller supply voltage
3.3 V
IRMS1
Output 1 RMS current
0.5 A
IPEAK1
Output 1 peak current
1 A
IRMS2
Output 2 RMS current
0.25 A
IPEAK2
Output 2 peak current
0.5 A
fPWM
Switching frequency
20 kHz
AIPROPI
Current sense scaling factor
455 µA/A
RIPROPI
IPROPI external resistor
4.8 kΩ
VADC
Controller ADC reference voltage
3.3 V
TA
PCB ambient temperature
–20 to 85 °C
TJ
Device max junction temperature
150 °C
RθJA
Device junction to ambient thermal resistance
35 °C/W
8.2.2.2 Detailed Design Procedure
Refer to the Primary Application Detailed Design Procedure section for a detailed design procedure example.
The majority of the design concepts apply to the alternative application example. A few changes to the procedure
are outlined below.
8.2.2.2.1
Current Sense and Regulation
In the alternative application for two half-bridge loads, the IPROPI output will be the combination of the two
outputs currents. The current sense feedback resistor RIPROPI should be scaled appropriately to stay within the
dynamic voltage range of the controller ADC. An example of this is shown
RIPROPI <= VADC / ((IPEAK1 + IPEAK2) x AIPROPI)
(23)
RIPROPI = 4.8 kΩ <= 3.3 V / ((1 A + 0.5 A) x 455 µA/A)
(24)
If VADC = 3.3 V, IPEAK1 = 1 A, IPEAK2 = 0.5 A, and AIPROPI = then to maximize the dynamic IPROPI voltage range
an RIPROPI of approximately 4.8 kΩ should be selected.
The accuracy tolerance of RIPROPI can be selected based on the application requirements. 10%, 5%, 1%, 0.1%
are all valid tolerance values. The typical recommendation is 1% for best tradeoff between performance and cost.
In independent half-bridge mode, the internal current regulation of the device is disabled. VREF can be set directly
to the supply reference for the controller ADC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com