Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8874PWPRG4 Datasheet(PDF) 18 Page - Texas Instruments

Part # DRV8874PWPRG4
Description  DRV8874 H-Bridge Motor Driver With Integrated Current Sense and Regulation
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRV8874PWPRG4 Datasheet(HTML) 18 Page - Texas Instruments

Back Button DRV8874PWPRG4 Datasheet HTML 14Page - Texas Instruments DRV8874PWPRG4 Datasheet HTML 15Page - Texas Instruments DRV8874PWPRG4 Datasheet HTML 16Page - Texas Instruments DRV8874PWPRG4 Datasheet HTML 17Page - Texas Instruments DRV8874PWPRG4 Datasheet HTML 18Page - Texas Instruments DRV8874PWPRG4 Datasheet HTML 19Page - Texas Instruments DRV8874PWPRG4 Datasheet HTML 20Page - Texas Instruments DRV8874PWPRG4 Datasheet HTML 21Page - Texas Instruments DRV8874PWPRG4 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 42 page
background image
136 k
68 k
5 V
+
±
+
±
+
±
44 k
156 k
5 V
+
±
+
±
100 k
18
DRV8874
SLVSF66A – AUGUST 2019 – REVISED DECEMBER 2019
www.ti.com
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
7.3.5 Pin Diagrams
7.3.5.1 Logic-Level Inputs
Figure 16 shows the input structure for the logic-level input pins EN/IN1, PH/IN2, and nSLEEP.
Figure 16. Logic-Level Input
7.3.5.2 Tri-Level Inputs
Figure 17 shows the input structure for the tri-level input pin PMODE.
Figure 17. PMODE Tri-Level Input
7.3.5.3 Quad-Level Inputs
Figure 18 shows the input structure for the quad-level input pin IMODE.
Figure 18. Quad-Level Input
7.4 Device Functional Modes
The DRV887x family of devices have several different modes of operation depending on the system inputs.
7.4.1 Active Mode
After the supply voltage on the VM pin has crossed the undervoltage threshold VUVLO, the nSLEEP pin is logic
high, and tWAKE has elapsed, the device enters its active mode. In this mode, the H-bridge, charge pump, and
internal logic are active and the device is ready to receive inputs. The input control mode (PMODE) and current
control modes (IMODE) will be latched when the device enters active mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com