Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8874PWPRG4 Datasheet(PDF) 11 Page - Texas Instruments

Part # DRV8874PWPRG4
Description  DRV8874 H-Bridge Motor Driver With Integrated Current Sense and Regulation
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRV8874PWPRG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button DRV8874PWPRG4 Datasheet HTML 7Page - Texas Instruments DRV8874PWPRG4 Datasheet HTML 8Page - Texas Instruments DRV8874PWPRG4 Datasheet HTML 9Page - Texas Instruments DRV8874PWPRG4 Datasheet HTML 10Page - Texas Instruments DRV8874PWPRG4 Datasheet HTML 11Page - Texas Instruments DRV8874PWPRG4 Datasheet HTML 12Page - Texas Instruments DRV8874PWPRG4 Datasheet HTML 13Page - Texas Instruments DRV8874PWPRG4 Datasheet HTML 14Page - Texas Instruments DRV8874PWPRG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
11
DRV8874
www.ti.com
SLVSF66A – AUGUST 2019 – REVISED DECEMBER 2019
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
The inputs can accept static or pulse-width modulated (PWM) voltage signals for either 100% or PWM drive
modes. The device input pins can be powered before VM is applied with no issues. By default, the EN/IN1 and
PH/IN2 pins have an internal pulldown resistor to ensure the outputs are Hi-Z if no inputs are present.
The sections below show the truth table for each control mode. Note that these tables do not take into account
the internal current regulation feature. Additionally, the DRV887x family of devices automatically handles the
dead-time generation when switching between the high-side and low-side MOSFET of a half-bridge.
Figure 10 describes the naming and configuration for the various H-bridge states.
7.3.2.1 PH/EN Control Mode (PMODE = Logic Low)
When the PMODE pin is logic low on power up, the device is latched into PH/EN mode. PH/EN mode allows for
the H-bridge to be controlled with a speed and direction type of interface. The truth table for PH/EN mode is
shown in Table 3.
Table 3. PH/EN Control Mode
nSLEEP
EN
PH
OUT1
OUT2
DESCRIPTION
0
X
X
Hi-Z
Hi-Z
Sleep, (H-Bridge Hi-Z)
1
0
X
L
L
Brake, (Low-Side Slow Decay)
1
1
0
L
H
Reverse (OUT2
→ OUT1)
1
1
1
H
L
Forward (OUT1
→ OUT2)
7.3.2.2 PWM Control Mode (PMODE = Logic High)
When the PMODE pin is logic high on power up, the device is latched into PWM mode. PWM mode allows for
the H-bridge to enter the Hi-Z state without taking the nSLEEP pin logic low. The truth table for PWM mode is
shown in Table 4.
Table 4. PWM Control Mode
nSLEEP
IN1
IN2
OUT1
OUT2
DESCRIPTION
0
X
X
Hi-Z
Hi-Z
Sleep, (H-Bridge Hi-Z)
1
0
0
Hi-Z
Hi-Z
Coast, (H-Bridge Hi-Z)
1
0
1
L
H
Reverse (OUT2
→ OUT1)
1
1
0
H
L
Forward (OUT1
→ OUT2)
1
1
1
L
L
Brake, (Low-Side Slow Decay)
7.3.2.3 Independent Half-Bridge Control Mode (PMODE = Hi-Z)
When the PMODE pin is Hi-Z on power up, the device is latched into independent half-bridge control mode. This
mode allows for each half-bridge to be directly controlled in order to support high-side slow decay or driving two
independent loads. The truth table for independent half-bridge mode is shown in Table 5.
In independent half-bridge control mode, current sensing and feedback are still available, but the internal current
regulation is disabled since each half-bridge is operating independently. Additionally, if both low-side MOSFETs
are conducting current at the same time, the IPROPI scaled output will be the sum of the currents. See Current
Sense and Regulation for more information.
Table 5. Independent Half-Bridge Control Mode
nSLEEP
INx
OUTx
DESCRIPTION
0
X
Hi-Z
Sleep, (H-Bridge Hi-Z)
1
0
L
OUTx Low-Side On
1
1
H
OUTx High-Side On



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com