Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8874PWPRG4 Datasheet(PDF) 5 Page - Texas Instruments

Part # DRV8874PWPRG4
Description  DRV8874 H-Bridge Motor Driver With Integrated Current Sense and Regulation
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRV8874PWPRG4 Datasheet(HTML) 5 Page - Texas Instruments

  DRV8874PWPRG4 Datasheet HTML 1Page - Texas Instruments DRV8874PWPRG4 Datasheet HTML 2Page - Texas Instruments DRV8874PWPRG4 Datasheet HTML 3Page - Texas Instruments DRV8874PWPRG4 Datasheet HTML 4Page - Texas Instruments DRV8874PWPRG4 Datasheet HTML 5Page - Texas Instruments DRV8874PWPRG4 Datasheet HTML 6Page - Texas Instruments DRV8874PWPRG4 Datasheet HTML 7Page - Texas Instruments DRV8874PWPRG4 Datasheet HTML 8Page - Texas Instruments DRV8874PWPRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
5
DRV8874
www.ti.com
SLVSF66A – AUGUST 2019 – REVISED DECEMBER 2019
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.4 Thermal Information
THERMAL METRIC(1)
DRV8874
UNIT
PWP (HTSSOP)
16 PINS
RθJA
Junction-to-ambient thermal resistance
36.0
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
27.3
°C/W
RθJB
Junction-to-board thermal resistance
11.1
°C/W
ΨJT
Junction-to-top characterization parameter
0.4
°C/W
ΨJB
Junction-to-board characterization parameter
11.0
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
2.7
°C/W
6.5 Electrical Characteristics
4.5 V
≤ VVM ≤ 37 V, –40°C ≤ TJ ≤ 150°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER SUPPLIES (VCP, VM)
IVMQ
VM sleep mode current
VVM = 24 V, nSLEEP = 0 V, TJ = 25°C
0.75
1
µA
nSLEEP = 0 V
5
µA
IVM
VM active mode current
VVM = 24 V, nSLEEP = 5 V,
EN/IN1 = PH/IN2 = 0 V
3
7
mA
tWAKE
Turnon time
VVM > VUVLO, nSLEEP = 5 V to active
1
ms
tSLEEP
Turnoff time
nSLEEP = 0 V to sleep mode
1
ms
VVCP
Charge pump regulator voltage
VCP with respect to VM, VVM = 24 V
5
V
fVCP
Charge pump switching frequency
400
kHz
LOGIC-LEVEL INPUTS (EN/IN1, PH/IN2, nSLEEP)
VIL
Input logic low voltage
VVM < 5 V
0
0.7
V
VVM ≥ 5 V
0
0.8
VIH
Input logic high voltage
1.5
5.5
V
VHYS
Input hysteresis
200
mV
nSLEEP
50
mV
IIL
Input logic low current
VI = 0 V
–5
5
µA
IIH
Input logic high current
VI = 5 V
50
75
µA
RPD
Input pulldown resistance
To GND
100
kΩ
TRI-LEVEL INPUTS (PMODE)
VTIL
Tri-level input logic low voltage
0
0.65
V
VTIZ
Tri-level input Hi-Z voltage
0.9
1.1
1.2
V
VTIH
Tri-level input logic high voltage
1.5
5.5
V
ITIL
Tri-level input logic low current
VI = 0 V
–50
–32
µA
ITIZ
Tri-level input Hi-Z current
VI = 1.1 V
–10
10
µA
ITIH
Tri-level input logic high current
VI = 5 V
113
150
µA
RTPD
Tri-level pulldown resistance
To GND
44
kΩ
RTPU
Tri-level pullup resistance
To internal 5 V
156
kΩ
QUAD-LEVEL INPUTS (IMODE)
VQI2
Quad-level input level 1
Voltage to set quad-level 1
0
0.45
V
RQI2
Quad-level input level 2
Resistance to GND to set quad-level 2
18.6
20
21.4
kΩ
RQI3
Quad-level input level 3
Resistance to GND to set quad-level 3
57.6
62
66.4
kΩ
VQI4
Quad-level input level 4
Voltage to set quad-level 4
2.5
5.5
V
RQPD
Quad-level pulldown resistance
To GND
136
kΩ
RQPU
Quad-level pullup resistance
To internal 5 V
68
kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com