Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8874PWPRG4 Datasheet(PDF) 3 Page - Texas Instruments

Part # DRV8874PWPRG4
Description  DRV8874 H-Bridge Motor Driver With Integrated Current Sense and Regulation
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRV8874PWPRG4 Datasheet(HTML) 3 Page - Texas Instruments

  DRV8874PWPRG4 Datasheet HTML 1Page - Texas Instruments DRV8874PWPRG4 Datasheet HTML 2Page - Texas Instruments DRV8874PWPRG4 Datasheet HTML 3Page - Texas Instruments DRV8874PWPRG4 Datasheet HTML 4Page - Texas Instruments DRV8874PWPRG4 Datasheet HTML 5Page - Texas Instruments DRV8874PWPRG4 Datasheet HTML 6Page - Texas Instruments DRV8874PWPRG4 Datasheet HTML 7Page - Texas Instruments DRV8874PWPRG4 Datasheet HTML 8Page - Texas Instruments DRV8874PWPRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
EN/IN1
1
PMODE
16
Thermal
Pad
PH/IN2
2
nSLEEP
3
nFAULT
4
VREF
5
IPROPI
6
OUT1
8
GND
15
CPL
14
CPH
13
VCP
12
VM
11
OUT2
10
PGND
9
IMODE
7
3
DRV8874
www.ti.com
SLVSF66A – AUGUST 2019 – REVISED DECEMBER 2019
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
5 Pin Configuration and Functions
DRV8874 PWP Package
16-Pin HTSSOP With Exposed Thermal Pad
Top View
Pin Functions
PIN
TYPE
DESCRIPTION
NAME
PWP
CPH
13
PWR
Charge pump switching node. Connect a X5R or X7R, 22-nF, VM-rated ceramic capacitor
between the CPH and CPL pins.
CPL
14
PWR
EN/IN1
1
I
H-bridge control input. See Control Modes. Internal pulldown resistor.
GND
15
PWR
Device ground. Connect to system ground.
IMODE
7
I
Current regulation and overcurrent protection mode. See Current Regulation. Quad-level
input.
IPROPI
6
O
Analog current output proportional to load current. See Current Sensing.
nFAULT
4
OD
Fault indicator output. Pulled low during a fault condition. Connect an external pullup resistor
for open-drain operation. See Protection Circuits.
nSLEEP
3
I
Sleep mode input. Logic high to enable device. Logic low to enter low-power sleep mode.
See Device Functional Modes. Internal pulldown resistor.
OUT1
8
O
H-bridge output. Connect to the motor or other load.
OUT2
10
O
H-bridge output. Connect to the motor or other load.
PGND
9
PWR
Device power ground. Connect to system ground.
PH/IN2
2
I
H-bridge control input. See Control Modes. Internal pulldown resistor.
PMODE
16
I
H-bridge control input mode. See Control Modes. Tri-level input.
VCP
12
PWR
Charge pump output. Connect a X5R or X7R, 100-nF, 16-V ceramic capacitor between the
VCP and VM pins.
VM
11
PWR
4.5-V to 37-V power supply input. Connect a 0.1-µF bypass capacitor to ground, as well as
sufficient Bulk Capacitance rated for VM.
VREF
5
I
External reference voltage input to set internal current regulation limit. See Current
Regulation.
PAD
—
—
Thermal pad. Connect to system ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com