Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8874PWPRG4 Datasheet(PDF) 6 Page - Texas Instruments

Part # DRV8874PWPRG4
Description  DRV8874 H-Bridge Motor Driver With Integrated Current Sense and Regulation
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRV8874PWPRG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button DRV8874PWPRG4 Datasheet HTML 2Page - Texas Instruments DRV8874PWPRG4 Datasheet HTML 3Page - Texas Instruments DRV8874PWPRG4 Datasheet HTML 4Page - Texas Instruments DRV8874PWPRG4 Datasheet HTML 5Page - Texas Instruments DRV8874PWPRG4 Datasheet HTML 6Page - Texas Instruments DRV8874PWPRG4 Datasheet HTML 7Page - Texas Instruments DRV8874PWPRG4 Datasheet HTML 8Page - Texas Instruments DRV8874PWPRG4 Datasheet HTML 9Page - Texas Instruments DRV8874PWPRG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
6
DRV8874
SLVSF66A – AUGUST 2019 – REVISED DECEMBER 2019
www.ti.com
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Electrical Characteristics (continued)
4.5 V
≤ VVM ≤ 37 V, –40°C ≤ TJ ≤ 150°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(1)
At low currents, the IPROPI output has a fixed offset error with respect to the IOUT current through the low-side power MOSFETs.
OPEN-DRAIN OUTPUTS (nFAULT)
VOL
Output logic low voltage
IOD = 5 mA
0.3
V
IOZ
Output logic high current
VOD = 5 V
–2
2
µA
DRIVER OUTPUTS (OUT1, OUT2)
RDS(on)_HS
High-side MOSFET on resistance
VVM = 24 V, IO = 2 A, TJ = 25°C
100
120
mΩ
RDS(on)_LS
Low-side MOSFET on resistance
VVM = 24 V, IO = –2 A, TJ = 25°C
100
120
mΩ
VSD
Body diode forward voltage
ISD = 1 A
0.9
V
tRISE
Output rise time
VVM = 24 V, OUTx rising 10% to 90%
150
ns
tFALL
Output fall time
VVM = 24 V, OUTx falling 90% to 10%
150
ns
tPD
Input to output propagation delay
EN/IN1, PH/IN2 to OUTx, 200 Ω from
OUTx to GND
400
ns
tDEAD
Output dead time
Body diode conducting
100
ns
CURRENT SENSE AND REGULATION (IPROPI, VREF)
AIPROPI
Current mirror scaling factor
450
µA/A
AERR
(1)
Current mirror scaling error
IOUT < 0.4 A
5.5 V
≤ VVM ≤ 37 V
–30
30
mA
0.4 A
≤ IOUT < 1 A
5.5 V
≤ VVM ≤ 37 V
–7.5
7.5
%
1 A
≤ IOUT < 2 A
5.5 V
≤ VVM ≤ 37 V
–6
6
2 A
≤ IOUT ≤ 4 A
5.5 V
≤ VVM ≤ 37 V
–5.5
5.5
tOFF
Current regulation off time
25
µs
tDELAY
Current sense delay time
1.6
µs
tDEG
Current regulation deglitch time
0.6
µs
tBLK
Current regulation blanking time
1.1
µs
PROTECTION CIRCUITS
VUVLO
Supply undervoltage lockout (UVLO)
VVM rising
4.3
4.45
4.6
V
VVM falling
4.2
4.35
4.5
V
VUVLO_HYS
Supply UVLO hysteresis
100
mV
tUVLO
Supply undervoltage deglitch time
10
µs
VCPUV
Charge pump undervoltage lockout
VCP with respect to VM, VVCP falling
2.25
V
IOCP
Overcurrent protection trip point
6
10
A
tOCP
Overcurrent protection deglitch time
3
µs
tRETRY
Overcurrent protection retry time
2
ms
TTSD
Thermal shutdown temperature
160
175
190
°C
THYS
Thermal shutdown hysteresis
20
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com