Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8874PWPRG4 Datasheet(PDF) 22 Page - Texas Instruments

Part # DRV8874PWPRG4
Description  DRV8874 H-Bridge Motor Driver With Integrated Current Sense and Regulation
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRV8874PWPRG4 Datasheet(HTML) 22 Page - Texas Instruments

Back Button DRV8874PWPRG4 Datasheet HTML 18Page - Texas Instruments DRV8874PWPRG4 Datasheet HTML 19Page - Texas Instruments DRV8874PWPRG4 Datasheet HTML 20Page - Texas Instruments DRV8874PWPRG4 Datasheet HTML 21Page - Texas Instruments DRV8874PWPRG4 Datasheet HTML 22Page - Texas Instruments DRV8874PWPRG4 Datasheet HTML 23Page - Texas Instruments DRV8874PWPRG4 Datasheet HTML 24Page - Texas Instruments DRV8874PWPRG4 Datasheet HTML 25Page - Texas Instruments DRV8874PWPRG4 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 42 page
background image
22
DRV8874
SLVSF66A – AUGUST 2019 – REVISED DECEMBER 2019
www.ti.com
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
PVM = VM x IVM
(9)
PVM = 0.096 W = 24 V x 4 mA
(10)
PSW can be calculated from the nominal supply voltage (VM), average output current (IRMS), switching frequency
(fPWM) and the device output rise (tRISE) and fall (tFALL) time specifications.
PSW = PSW_RISE + PSW_FALL
(11)
PSW_RISE = 0.5 x VM x IRMS x tRISE x fPWM
(12)
PSW_FALL = 0.5 x VM x IRMS x tFALL x fPWM
(13)
PSW_RISE = 0.018 W = 0.5 x 24 V x 0.5 A x 150 ns x 20 kHz
(14)
PSW_FALL = 0.018 W = 0.5 x 24 V x 0.5 A x 150 ns x 20 kHz
(15)
PSW = 0.036 W = 0.018 W + 0.018 W
(16)
PRDS can be calculated from the device RDS(on) and average output current (IRMS)
PRDS = IRMS
2 x (R
DS(ON)_HS + RDS(ON)_LS)
(17)
It should be noted that RDS(ON) has a strong correlation with the device temperature. A curve showing the
normalized RDS(on) with temperature can be found in the Typical Characteristics curves. Assuming a device
temperature of 85 °C it can be expected that RDS(on) will see an increase of ~1.25 based on the normalized
temperature data.
PRDS = 0.0625 W = (0.5 A)
2 x (100 mΩ x 1.25 + 100 mΩ x 1.25)
(18)
By adding together the different power dissipation components it can be verified that the expected power
dissipation and device junction temperature is within design targets.
PTOT = PVM + PSW + PRDS
(19)
PTOT = 0.194 W = 0.096 W + 0.036 W + 0.0625 W
(20)
The device junction temperature can be calculated with the PTOT, device ambient temperature (TA), and package
thermal resistance (RθJA). The value for RθJA is heavily dependent on the PCB design and copper heat sinking
around the device.
TJ = (PTOT x RθJA) + TA
(21)
TJ = 92°C = (0.194 W x 35 °C/W) + 85°C
(22)
It should be ensured that the device junction temperature is within the specified operating region. Other methods
exist for verifying the device junction temperature depending on the measurements available.
Additional information on motor driver current ratings and power dissipation can be found in Thermal
Performance and Related Documentation.
8.2.1.2.3
Thermal Performance
The datasheet-specified junction-to-ambient thermal resistance, RθJA, is primarily useful for comparing various
drivers or approximating thermal performance. However, the actual system performance may be better or worse
than this value depending on PCB stackup, routing, number of vias, and copper area around the thermal pad.
The length of time the driver drives a particular current will also impact power dissipation and thermal
performance. This section considers how to design for steady-state and transient thermal conditions.
The data in this section was simulated using the following criteria:
•
2-layer PCB, standard FR4, 1-oz (35 mm copper thickness) or 2-oz copper thickness.
•
Top layer: DRV887x HTSSOP package footprint and copper plane heatsink. Top layer copper area is
varied in simulation.
•
Bottom layer: ground plane thermally connected through vias under the thermal pad for DRV887x. Bottom
layer copper area varies with top copper area. Thermal vias are only present under the thermal pad (grid
pattern with 1.2mm spacing).
•
4-layer PCB, standard FR4. Outer planes are 1-oz (35 mm copper thickness) or 2-oz copper thickness.
•
Top layer: DRV887x HTSSOP package footprint and copper plane heatsink. Top layer copper area is
varied in simulation. Inner planes were kept at 1-oz.
•
Mid layer 1: GND plane thermally connected to DRV887x thermal pad through vias. The area of the
ground plane is 74.2 mm x 74.2 mm.
•
Mid layer 2: power plane, no thermal connection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com