Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9908 Datasheet(PDF) 131 Page - STMicroelectronics

Part # L9908
Description  Automotive 3-Phase motor gate driver unit
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9908 Datasheet(HTML) 131 Page - STMicroelectronics

Back Button L9908 Datasheet HTML 127Page - STMicroelectronics L9908 Datasheet HTML 128Page - STMicroelectronics L9908 Datasheet HTML 129Page - STMicroelectronics L9908 Datasheet HTML 130Page - STMicroelectronics L9908 Datasheet HTML 131Page - STMicroelectronics L9908 Datasheet HTML 132Page - STMicroelectronics L9908 Datasheet HTML 133Page - STMicroelectronics L9908 Datasheet HTML 134Page - STMicroelectronics L9908 Datasheet HTML 135Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 152 page
background image
Table 145. Watchdog configuration table for WDT overflow timer
WDT_OVF_CFG1
WDT_OVF_CFG0
Description
0
0
11.26 ms
0
1
22.52 ms (Default)
1
0
45.04 ms
1
1
90.11 ms
The WDT overflow counter status can be accessed through the dedicated SPI read only register
WDT_OVF_STATUS.
The counter value in seconds can be retrieved by the following reconstruction formula:
TWTD_OVF−STATUS=ΔWTD_OVF_LSB×DWTD_OVF_STATUS
(27)
Where: DWDT_OVF is the digital word stored in WDT_OVF_STATUS and ∆WDT_OVF_LSB is the counter LSB as
defined in Table 146.
Table 146. WDT overflow timer LSB
WDT_OVF_CFG
Description
00
0.2048 ms
01
0.4096 ms (Default)
10
0.8192 ms
11
1.6384 ms
Reprogramming of WDT_OVF_CFG configuration is possible only while WDT_EN = 0
Table 147. WDT overflow counter accuracy
Symbol
Parameter
Min
Typ
Max
Unit
WDT_ovf_acc
WDT overflow counter accuracy
-10
-
10
%
Within this window the watchdog expects a refresh pulse to reset the overflow counter and restart a new window:
if refresh is missed before the overflow counter is elapsed the error flag WDT_OVF_Fail is set and L9908 is sent
to safe state. The flag remains set until the WDT is reset by the SPI command or re-enabled after a power-on
sequence.
Figure 86. WDT operation – Overflow timer failure
L9908
Functional description
DS13546 - Rev 5
page 131/152



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com