Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9908 Datasheet(PDF) 132 Page - STMicroelectronics

Part # L9908
Description  Automotive 3-Phase motor gate driver unit
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9908 Datasheet(HTML) 132 Page - STMicroelectronics

Back Button L9908 Datasheet HTML 128Page - STMicroelectronics L9908 Datasheet HTML 129Page - STMicroelectronics L9908 Datasheet HTML 130Page - STMicroelectronics L9908 Datasheet HTML 131Page - STMicroelectronics L9908 Datasheet HTML 132Page - STMicroelectronics L9908 Datasheet HTML 133Page - STMicroelectronics L9908 Datasheet HTML 134Page - STMicroelectronics L9908 Datasheet HTML 135Page - STMicroelectronics L9908 Datasheet HTML 136Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 152 page
background image
The refresh of the overflow counter has to be performed by the uC through a dedicated SPI frame including the 4-
bit watchdog refresh command. The watchdog circuitry compares the received watchdog refresh command with
an internal look-up table and answers with a corresponding 4-bit Gray code in the next SPI MISO frame.
Table 148. Watchdog binary to Gray answer conversion
Binary (μC) → Gray (L9908) Binary → (μC) → Gray (L9908) Binary (μC) → Gray (L9908) Binary (μC) → Gray (L9908)
0x0 (0000) → 0x0 (0000)
0x4 (0100) → 0x6 (0110)
0x8 (1000) → 0xC (1100)
0xC (1100) → 0xA (1010)
0x1 (0001) → 0x1 (0001)
0x5 (0101) → 0x7 (0111)
0x9 (1001) → 0xD (1101)
0xD (1101) → 0xB (1011)
0x2 (0010) → 0x3 (0011)
0x6 (0110) → 0x5 (0101)
0xA (1010) → 0xF (1111)
0xE (1110) → 0x9 (1001)
0x3 (0011) → 0x2 (0010)
0x7 (0111) → 0x4 (0100)
0xB (1011) → 0xE (1110)
0xF (1111) → 0x8 (1000)
The expected watchdog command order starts with the number 0x0 (0000) and is incremented by 1 at each
refresh window if the command is correctly interpreted and no failure is detected.
Once command number 0xF (1111) is reached the sequence restarts with number 0x0 (0000).
Figure 87. Watchdog command order sequence
In case of a wrong WDT data command (command different from the expected sequence order), the watchdog
word fail counter is incremented by 1. With the next valid watchdog data command the fail counter is decreased
by 1. If the failure counter reaches the failure limit defined in the SPI register WDT_FAIL_COUNT_CFG the
watchdog fail flag WDT_DATA_fail is set and L9908 is sent to safe state.
The fail counter limit can be programmed by the following SPI bit set:
Table 149. Watchdog configuration table for WDT data fail counter
WDT_FAIL_COUNT_CFG1
WDT_FAIL_COUNT_CFG0
Description
0
0
1
0
1
1
1
0
2
1
1
3 (Default)
L9908
Functional description
DS13546 - Rev 5
page 132/152



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com