Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9908 Datasheet(PDF) 140 Page - STMicroelectronics

Part # L9908
Description  Automotive 3-Phase motor gate driver unit
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9908 Datasheet(HTML) 140 Page - STMicroelectronics

Back Button L9908 Datasheet HTML 136Page - STMicroelectronics L9908 Datasheet HTML 137Page - STMicroelectronics L9908 Datasheet HTML 138Page - STMicroelectronics L9908 Datasheet HTML 139Page - STMicroelectronics L9908 Datasheet HTML 140Page - STMicroelectronics L9908 Datasheet HTML 141Page - STMicroelectronics L9908 Datasheet HTML 142Page - STMicroelectronics L9908 Datasheet HTML 143Page - STMicroelectronics L9908 Datasheet HTML 144Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 152 page
background image
Table 152. TQFP48 (7x7x1 mm exp. pad down) package mechanical data
Symbol
Dimensions in mm
Min.
Typ.
Max.
ɵ
3.5°
ɵ1
-
-
ɵ2
10°
12°
12°
ɵ3
10°
12°
12°
A
-
-
1.20
A1
0.05
-
0.15
A2
0.95
1.00
1.05
b
0.17
0.22
0.27
c
0.09
-
0.20
D
9.00
D1
7.00
D2
-
-
5.51
D3
3.70
-
-
e
-
0.50
-
E
9.00
E1
7.00
E2
-
-
5.51
E3
3.70
-
-
L
0.45
0.60
0.75
L1
1.00
N
48
R1
0.08
-
-
R2
0.08
-
0.2
S
0.2
-
-
Tolerance of form and position
aaa
-
0.20
-
bbb
-
0.20
-
ccc
-
0.08
-
ddd
-
0.08
-
L9908
Package information
DS13546 - Rev 5
page 140/152



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com