Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9908 Datasheet(PDF) 142 Page - STMicroelectronics

Part # L9908
Description  Automotive 3-Phase motor gate driver unit
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9908 Datasheet(HTML) 142 Page - STMicroelectronics

Back Button L9908 Datasheet HTML 138Page - STMicroelectronics L9908 Datasheet HTML 139Page - STMicroelectronics L9908 Datasheet HTML 140Page - STMicroelectronics L9908 Datasheet HTML 141Page - STMicroelectronics L9908 Datasheet HTML 142Page - STMicroelectronics L9908 Datasheet HTML 143Page - STMicroelectronics L9908 Datasheet HTML 144Page - STMicroelectronics L9908 Datasheet HTML 145Page - STMicroelectronics L9908 Datasheet HTML 146Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 152 page
background image
Revision history
Table 153. Document revision history
Date
Version
Changes
16-Nov-2020
1
Initial release.
03-Mar-2021
2
Updated:
•
Section 5.9 Internal clock;
•
Section 5.13.1 A/D conversion;
•
Section 5.13.2.3 Digital format current information;
•
Section 5.13.3.1 Analog format current information;
•
Section 5.13.4 Current monitor A/D - D/A chain;
•
Table 12. VDD monitor electrical characteristics;
•
Table 36. Clock spread spectrum electrical characteristics;
•
Table 42. Motor battery monitor electrical characteristics;
•
Table 44. Pre-regulation stage electrical characteristics;
•
Table 48. VBP monitor electrical characteristics;
•
Table 51. Charge pump 2 electrical characteristics;
•
Table 53. Bootstrap Limiter 1 electrical characteristics;
•
Table 54. VCP Monitor electrical characteristics;
•
Table 70. Current Monitor Input characteristics;
•
Table 79. Current monitor`s analog output characteristics;
•
Table 87. OFD electrical characteristics;
•
Table 91. OND electrical characteristics;
•
Table 93. PVF electrical characteristics.
Removed "Restricted" watermark.
28-Mar-2022
3
Added Section 7.2 TQFP48 (7x7x1 mm exp. pad down) PCB landpattern.
Updated:
•
Section 5.11.4 Supply distribution stage;
•
Section 5.12 Half bridges gate drivers;
•
Section 5.12.3 Shoot-Through Protection (STP);
•
Section 5.13.1 A/D conversion;
•
Section 6.3 Bill of materials;
•
Table 9. Quiescent current consumption in reset mode;
•
Table 10. Mean current consumptions in normal mode;
•
Table 44. Pre-regulation stage electrical characteristics;
•
Table 53. Bootstrap Limiter 1 electrical characteristics;
•
Table 54. VCP Monitor electrical characteristics;
•
Table 58. Pre-driver timings;
•
Table 60. VGS monitor electrical characteristics;
•
Table 76. Current monitors A/D auto-triggering latency;
•
Table 80. Current monitors A/D - D/A auto-triggering latency;
•
Table 93. PVF electrical characteristics;
•
Table 127. CH1_SAFETY_RELEVANT;
•
Table 152. TQFP48 (7x7x1 mm exp. pad down) package mechanical
data;
•
Figure 7. Damage protected activation simplified structure;
•
Figure 10. Internal reset logic simplified block diagram;
•
Figure 23. Power-Up diagram;
•
Figure 26. Ext. FET gate supply simplified block diagram;
•
Figure 39. VGS Monitor operative ranges;
•
Figure 65. OFF State Diagnosis simplified block diagram;
•
Figure 66. OFD currents in motor phases;
•
Figure 68. OFD Masking and deglitch filtering - LSn_OFD Example;
•
Figure 69. OFD Masking and deglitch filtering - LSn_OFD Example with
multiple glitches;
•
Figure 77. Ground pins inter-connection;
•
Figure 79. Junction temperature ranges;
•
Figure 90. Application circuit, 12 V/24 V systems;
•
Figure 91. Application circuit, 48 V systems.
L9908
DS13546 - Rev 5
page 142/152



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com