Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9908 Datasheet(PDF) 145 Page - STMicroelectronics

Part # L9908
Description  Automotive 3-Phase motor gate driver unit
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9908 Datasheet(HTML) 145 Page - STMicroelectronics

Back Button L9908 Datasheet HTML 141Page - STMicroelectronics L9908 Datasheet HTML 142Page - STMicroelectronics L9908 Datasheet HTML 143Page - STMicroelectronics L9908 Datasheet HTML 144Page - STMicroelectronics L9908 Datasheet HTML 145Page - STMicroelectronics L9908 Datasheet HTML 146Page - STMicroelectronics L9908 Datasheet HTML 147Page - STMicroelectronics L9908 Datasheet HTML 148Page - STMicroelectronics L9908 Datasheet HTML 149Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 152 page
background image
5.8.3
Digital Output (DO) ...................................................... 44
5.9
Internal clock ................................................................. 44
5.9.1
Spread Spectrum Modulation (SSM)......................................... 45
5.9.2
Internal Clock Monitor (ICM) ............................................... 45
5.10
Motor Battery Monitor (MBM) ................................................... 45
5.11
Gate driver supply ............................................................. 48
5.11.1
Pre-regulation stage ..................................................... 49
5.11.2
VBP monitor ........................................................... 50
5.11.3
VPRE monitor .......................................................... 52
5.11.4
Supply distribution stage .................................................. 54
5.11.5
VCP monitor ........................................................... 57
5.12
Half bridges gate drivers ....................................................... 59
5.12.1
External FET VGS monitor ................................................ 66
5.12.2
Dead Time Protection (DTP) ............................................... 66
5.12.3
Shoot-Through Protection (STP) ............................................ 67
5.13
Current monitors .............................................................. 70
5.13.1
A/D conversion ......................................................... 72
5.13.2
Digital signal processing .................................................. 78
5.13.3
D/A conversion ......................................................... 86
5.13.4
Current monitor A/D - D/A chain ............................................ 88
5.14
Off-State diagnosis (OFD) ...................................................... 90
5.15
On State Diagnosis (OND)...................................................... 94
5.16
Phase Voltage Feedback (PVF) ................................................. 98
5.16.1
CSO3 - PVF multiplexing ................................................ 100
5.17
Actuation Timers (ACT) .......................................................100
5.18
Ground Loss Monitor (GLM) ...................................................102
5.19
Temperature Monitor (OTM) ...................................................102
5.20
Serial Peripheral Interface (SPI) ................................................104
5.20.1
Protocol description..................................................... 105
5.20.2
Frame description ...................................................... 107
5.20.3
Frame monitoring ...................................................... 110
5.20.4
Error handling ......................................................... 110
5.20.5
Register description .................................................... 110
5.21
Window watchdog timer (WTD).................................................130
6
Application circuit .............................................................. 135
6.1
12 V/24 V systems ...........................................................135
6.2
48 V systems ................................................................136
L9908
Contents
DS13546 - Rev 5
page 145/152



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com