Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP430 Datasheet(PDF) 2 Page - Texas Instruments

Part # MSP430
Description  MSP430G2x33, MSP430G2x03 Mixed-Signal Microcontrollers
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

MSP430 Datasheet(HTML) 2 Page - Texas Instruments

  MSP430 Datasheet HTML 1Page - Texas Instruments MSP430 Datasheet HTML 2Page - Texas Instruments MSP430 Datasheet HTML 3Page - Texas Instruments MSP430 Datasheet HTML 4Page - Texas Instruments MSP430 Datasheet HTML 5Page - Texas Instruments MSP430 Datasheet HTML 6Page - Texas Instruments MSP430 Datasheet HTML 7Page - Texas Instruments MSP430 Datasheet HTML 8Page - Texas Instruments MSP430 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 96 page
background image
Clock
System
Brownout
Protection
RST/NMI
DVCC
DVSS
MCLK
Watchdog
WDT+
15-Bit
Timer0_A3
3 CC
registers
16-MHz
CPU
including
16 registers
Emulation
2BP
JTAG
interface
SMCLK
ACLK
Port P1
8 I/Os,
interrupt
capability,
pullup or
pulldown
resistors
P1.x
8
P2.x
Port P2
8 I/Os,
interrupt
capability,
pullup or
pulldown
resistors
Spy-Bi-
Wire
Timer1_A3
3 CC
registers
XIN XOUT
Port P3
8 I/Os,
pullup or
pulldown
resistors
P3.x
8
8
RAM
512B
256B
Flash
16KB
8KB
4KB
2KB
USCI A0
UART,
LIN, IrDA,
SPI
USCI B0
SPI, I C
2
ADC
10 bit,
8 channel,
autoscan,
1-channel
DMA
MDB
MAB
Copyright © 2016, Texas Instruments Incorporated
2
MSP430G2533, MSP430G2433, MSP430G2333, MSP430G2233
MSP430G2403, MSP430G2303, MSP430G2203
SLAS734G – APRIL 2011 – REVISED APRIL 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: MSP430G2533 MSP430G2433 MSP430G2333 MSP430G2233 MSP430G2403 MSP430G2303
MSP430G2203
Device Overview
Copyright © 2011–2016, Texas Instruments Incorporated
(1)
For the most current part, package, and ordering information, see the Package Option Addendum in
Section 8, or see the TI website at www.ti.com.
(2)
The sizes shown here are approximations. For the package dimensions with tolerances, see the
Mechanical Data in Section 8.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE(2)
MSP430G2533IRHB
VQFN (32)
5 mm × 5 mm
MSP430G2533IPW
TSSOP (28)
9.7 mm × 4.4 mm
TSSOP (20)
6.5 mm × 4.4 mm
MSP430G2533IN
PDIP (20)
24.33 mm × 6.35 mm
1.4
Functional Block Diagrams
Figure 1-1 shows the functional block diagram of the MSP430G2x33 MCUs.
NOTE: Port P3 is available on 28-pin and 32-pin devices only.
Figure 1-1. Functional Block Diagram, MSP430G2x33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com