Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP430 Datasheet(PDF) 33 Page - Texas Instruments

Part # MSP430
Description  MSP430G2x33, MSP430G2x03 Mixed-Signal Microcontrollers
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

MSP430 Datasheet(HTML) 33 Page - Texas Instruments

Back Button MSP430 Datasheet HTML 29Page - Texas Instruments MSP430 Datasheet HTML 30Page - Texas Instruments MSP430 Datasheet HTML 31Page - Texas Instruments MSP430 Datasheet HTML 32Page - Texas Instruments MSP430 Datasheet HTML 33Page - Texas Instruments MSP430 Datasheet HTML 34Page - Texas Instruments MSP430 Datasheet HTML 35Page - Texas Instruments MSP430 Datasheet HTML 36Page - Texas Instruments MSP430 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 96 page
background image
33
MSP430G2533, MSP430G2433, MSP430G2333, MSP430G2233
MSP430G2403, MSP430G2303, MSP430G2203
www.ti.com
SLAS734G – APRIL 2011 – REVISED APRIL 2016
Submit Documentation Feedback
Product Folder Links: MSP430G2533 MSP430G2433 MSP430G2333 MSP430G2233 MSP430G2403 MSP430G2303
MSP430G2203
Specifications
Copyright © 2011–2016, Texas Instruments Incorporated
(1)
The external reference is used during conversion to charge and discharge the capacitance array. The input capacitance, CI, is also the
dynamic load for an external reference during conversion. The dynamic impedance of the reference supply should follow the
recommendations on analog-source impedance to allow the charge to settle for 10-bit accuracy.
(2)
The accuracy limits the minimum positive external reference voltage. Lower reference voltage levels may be applied with reduced
accuracy requirements.
(3)
Under this condition, the external reference is internally buffered. The reference buffer is active and requires the reference buffer supply
current IREFB. The current consumption can be limited to the sample and conversion period with REBURST = 1.
(4)
The accuracy limits the maximum negative external reference voltage. Higher reference voltage levels may be applied with reduced
accuracy requirements.
(5)
The accuracy limits the minimum external differential reference voltage. Lower differential reference voltage levels may be applied with
reduced accuracy requirements.
5.31 10-Bit ADC, External Reference
(1) (MSP430G2x33 Only)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
VEREF+
Positive external reference input
voltage range (2)
VEREF+ > VEREF–,
SREF1 = 1, SREF0 = 0
1.4
VCC
V
VEREF–
≤ VEREF+ ≤ VCC – 0.15 V,
SREF1 = 1, SREF0 = 1 (3)
1.4
3
VEREF–
Negative external reference input
voltage range (4)
VEREF+ > VEREF–
0
1.2
V
ΔVEREF
Differential external reference input
voltage range,
ΔVEREF = VEREF+ – VEREF–
VEREF+ > VEREF– (5)
1.4
VCC
V
IVEREF+
Static input current into VEREF+
0 V
≤ VEREF+ ≤ VCC,
SREF1 = 1, SREF0 = 0
3 V
±1
µA
0 V
≤ VEREF+ ≤ VCC – 0.15 V ≤ 3 V,
SREF1 = 1, SREF0 = 1 (3)
3 V
0
IVEREF–
Static input current into VEREF–
0 V
≤ VEREF– ≤ VCC
3 V
±1
µA
(1)
The condition is that the error in a conversion started after tADC10ON is less than ±0.5 LSB. The reference and input signal are already
settled.
5.32 10-Bit ADC, Timing Parameters (MSP430G2x33 Only)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
fADC10CLK
ADC10 input clock
frequency
For specified performance of
ADC10 linearity parameters
ADC10SR = 0
3 V
0.45
6.3
MHz
ADC10SR = 1
0.45
1.5
fADC10OSC
ADC10 built-in
oscillator frequency
ADC10DIVx = 0, ADC10SSELx = 0,
fADC10CLK = fADC10OSC
3 V
3.7
6.3
MHz
tCONVERT
Conversion time
ADC10 built-in oscillator, ADC10SSELx = 0,
fADC10CLK = fADC10OSC
3 V
2.06
3.51
µs
fADC10CLK from ACLK, MCLK, or SMCLK:
ADC10SSELx
≠ 0
13 ×
ADC10DIV ×
1 / fADC10CLK
tADC10ON
Turnon settling time
of the ADC
(1)
100
ns
5.33 10-Bit ADC, Linearity Parameters (MSP430G2x33 Only)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
EI
Integral linearity error
3 V
±1
LSB
ED
Differential linearity error
3 V
±1
LSB
EO
Offset error
Source impedance RS < 100 Ω
3 V
±1
LSB
EG
Gain error
3 V
±1.1
±2
LSB
ET
Total unadjusted error
3 V
±2
±5
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com