Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP430 Datasheet(PDF) 11 Page - Texas Instruments

Part # MSP430
Description  MSP430G2x33, MSP430G2x03 Mixed-Signal Microcontrollers
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

MSP430 Datasheet(HTML) 11 Page - Texas Instruments

Back Button MSP430 Datasheet HTML 7Page - Texas Instruments MSP430 Datasheet HTML 8Page - Texas Instruments MSP430 Datasheet HTML 9Page - Texas Instruments MSP430 Datasheet HTML 10Page - Texas Instruments MSP430 Datasheet HTML 11Page - Texas Instruments MSP430 Datasheet HTML 12Page - Texas Instruments MSP430 Datasheet HTML 13Page - Texas Instruments MSP430 Datasheet HTML 14Page - Texas Instruments MSP430 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 96 page
background image
11
MSP430G2533, MSP430G2433, MSP430G2333, MSP430G2233
MSP430G2403, MSP430G2303, MSP430G2203
www.ti.com
SLAS734G – APRIL 2011 – REVISED APRIL 2016
Submit Documentation Feedback
Product Folder Links: MSP430G2533 MSP430G2433 MSP430G2333 MSP430G2233 MSP430G2403 MSP430G2303
MSP430G2203
Terminal Configuration and Functions
Copyright © 2011–2016, Texas Instruments Incorporated
Table 4-1. Terminal Functions (continued)
TERMINAL
I/O
DESCRIPTION
NAME
NO.
PW20,
N20
PW28
RHB32
(2)
TDO or TDI is selected by JTAG instruction.
(3)
If XOUT/P2.7 is used as an input, excess current flows until P2SEL.7 is cleared. This is due to the oscillator output driver connection to
this pad after reset.
P1.7/
15
23
22
I/O
General-purpose digital I/O pin
A7/
ADC10 analog input A7(1)
UCB0SIMO/
USCI_B0 slave in/master out in SPI mode
UCB0SDA/
USCI_B0 SDA I2C data in I2C mode
TDO/TDI
JTAG test data output terminal or test data input during programming and
test(2)
P2.0/
8
10
9
I/O
General-purpose digital I/O pin
TA1.0
Timer1_A, capture: CCI0A input, compare: Out0 output
P2.1/
9
11
10
I/O
General-purpose digital I/O pin
TA1.1
Timer1_A, capture: CCI1A input, compare: Out1 output
P2.2/
10
12
11
I/O
General-purpose digital I/O pin
TA1.1
Timer1_A, capture: CCI1B input, compare: Out1 output
P2.3/
11
16
15
I/O
General-purpose digital I/O pin
TA1.0
Timer1_A, capture: CCI0B input, compare: Out0 output
P2.4/
12
17
16
I/O
General-purpose digital I/O pin
TA1.2
Timer1_A, capture: CCI2A input, compare: Out2 output
P2.5/
13
18
17
I/O
General-purpose digital I/O pin
TA1.2
Timer1_A, capture: CCI2B input, compare: Out2 output
XIN/
19
27
26
I/O
Input terminal of crystal oscillator
P2.6/
General-purpose digital I/O pin
TA0.1
Timer0_A, compare: Out1 output
XOUT/
18
26
25
I/O
Output terminal of crystal oscillator(3)
P2.7
General-purpose digital I/O pin
P3.0/
-
9
7
I/O
General-purpose digital I/O pin
TA0.2
Timer0_A, capture: CCI2A input, compare: Out2 output
P3.1/
-
8
6
I/O
General-purpose digital I/O pin
TA1.0
Timer1_A, compare: Out0 output
P3.2/
-
13
12
I/O
General-purpose digital I/O pin
TA1.1
Timer1_A, compare: Out1 output
P3.3/
-
14
13
I/O
General-purpose digital I/O
TA1.2
Timer1_A, compare: Out2 output
P3.4/
-
15
14
I/O
General-purpose digital I/O
TA0.0
Timer0_A, compare: Out0 output
P3.5/
-
19
18
I/O
General-purpose digital I/O
TA0.1
Timer0_A, compare: Out1 output
P3.6/
-
20
19
I/O
General-purpose digital I/O
TA0.2
Timer0_A, compare: Out2 output
P3.7/
-
21
20
I/O
General-purpose digital I/O
TA1CLK
Timer1_A, clock signal TACLK input
RST/
16
24
23
I
Reset
NMI/
Nonmaskable interrupt input
SBWTDIO
Spy-Bi-Wire test data input/output during programming and test



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com