Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP430 Datasheet(PDF) 45 Page - Texas Instruments

Part # MSP430
Description  MSP430G2x33, MSP430G2x03 Mixed-Signal Microcontrollers
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

MSP430 Datasheet(HTML) 45 Page - Texas Instruments

Back Button MSP430 Datasheet HTML 41Page - Texas Instruments MSP430 Datasheet HTML 42Page - Texas Instruments MSP430 Datasheet HTML 43Page - Texas Instruments MSP430 Datasheet HTML 44Page - Texas Instruments MSP430 Datasheet HTML 45Page - Texas Instruments MSP430 Datasheet HTML 46Page - Texas Instruments MSP430 Datasheet HTML 47Page - Texas Instruments MSP430 Datasheet HTML 48Page - Texas Instruments MSP430 Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 96 page
background image
45
MSP430G2533, MSP430G2433, MSP430G2333, MSP430G2233
MSP430G2403, MSP430G2303, MSP430G2203
www.ti.com
SLAS734G – APRIL 2011 – REVISED APRIL 2016
Submit Documentation Feedback
Product Folder Links: MSP430G2533 MSP430G2433 MSP430G2333 MSP430G2233 MSP430G2403 MSP430G2303
MSP430G2203
Detailed Description
Copyright © 2011–2016, Texas Instruments Incorporated
Table 6-13. Timer1_A3 Signal Connections
INPUT PIN NUMBER
DEVICE
INPUT
SIGNAL
MODULE
INPUT
NAME
MODULE
BLOCK
MODULE
OUTPUT
SIGNAL
OUTPUT PIN NUMBER
PW20, N20
PW28
RHB32
PW20, N20
PW28
RHB32
–
P3.7-21
P3.7-20
TACLK
TACLK
Timer
NA
ACLK
ACLK
SMCLK
SMCLK
–
P3.7-21
P3.7-20
TACLK
INCLK
P2.0-8
P2.0-10
P2.0-9
TA1.0
CCI0A
CCR0
TA0
P2.0-8
P2.0-10
P2.0-9
P2.3-11
P2.3-16
P2.3-12
TA1.0
CCI0B
P2.3-11
P2.3-16
P2.3-15
VSS
GND
P3.1-8
P3.1-6
VCC
VCC
P2.1-9
P2.1-11
P2.1-10
TA1.1
CCI1A
CCR1
TA1
P2.1-9
P2.1-11
P2.1-10
P2.2-10
P2.2-12
P2.2-11
TA1.1
CCI1B
P2.2-10
P2.2-12
P2.2-11
VSS
GND
P3.2-13
P3.2-12
VCC
VCC
P2.4-12
P2.4-17
P2.4-16
TA1.2
CCI2A
CCR2
TA2
P2.4-12
P2.4-17
P2.4-16
P2.5-13
P2.5-18
P2.5-17
TA1.2
CCI2B
P2.5-13
P2.5-18
P2.5-17
VSS
GND
P3.3-14
P3.3-13
VCC
VCC
6.9.7
Universal Serial Communications Interface (USCI)
The USCI module is used for serial data communication. The USCI module supports synchronous
communication protocols such as SPI (3-pin or 4-pin) and I2C, and asynchronous communication
protocols such as UART, enhanced UART with automatic baud rate detection (LIN), and IrDA. Not all
packages support the USCI functionality.
USCI_A0 provides support for SPI (3-pin or 4-pin), UART, enhanced UART, and IrDA.
USCI_B0 provides support for SPI (3-pin or 4-pin) and I2C.
6.9.8
ADC10 (MSP430G2x33 Only)
The ADC10 module supports fast 10-bit analog-to-digital conversions. The module implements a 10-bit
SAR core, sample select control, reference generator, and data transfer controller (DTC) for automatic
conversion result handling, allowing ADC samples to be converted and stored without any CPU
intervention.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com