Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP430 Datasheet(PDF) 44 Page - Texas Instruments

Part # MSP430
Description  MSP430G2x33, MSP430G2x03 Mixed-Signal Microcontrollers
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

MSP430 Datasheet(HTML) 44 Page - Texas Instruments

Back Button MSP430 Datasheet HTML 40Page - Texas Instruments MSP430 Datasheet HTML 41Page - Texas Instruments MSP430 Datasheet HTML 42Page - Texas Instruments MSP430 Datasheet HTML 43Page - Texas Instruments MSP430 Datasheet HTML 44Page - Texas Instruments MSP430 Datasheet HTML 45Page - Texas Instruments MSP430 Datasheet HTML 46Page - Texas Instruments MSP430 Datasheet HTML 47Page - Texas Instruments MSP430 Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 96 page
background image
44
MSP430G2533, MSP430G2433, MSP430G2333, MSP430G2233
MSP430G2403, MSP430G2303, MSP430G2203
SLAS734G – APRIL 2011 – REVISED APRIL 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: MSP430G2533 MSP430G2433 MSP430G2333 MSP430G2233 MSP430G2403 MSP430G2303
MSP430G2203
Detailed Description
Copyright © 2011–2016, Texas Instruments Incorporated
6.9.5
WDT+ Watchdog Timer
The primary function of the watchdog timer (WDT+) module is to perform a controlled system restart after
a software problem occurs. If the selected time interval expires, a system reset is generated. If the
watchdog function is not needed in an application, the module can be disabled or configured as an interval
timer and can generate interrupts at selected time intervals.
6.9.6
Timer_A3 (TA0, TA1)
Timer0_A3 and Timer1_A3 are 16-bit timers/counters with three capture/compare registers. Timer_A3 can
support multiple capture/compares, PWM outputs, and interval timing (see Table 6-12 and Table 6-13).
Timer_A3 also has extensive interrupt capabilities. Interrupts may be generated from the counter on
overflow conditions and from each of the capture/compare registers.
Table 6-12. Timer0_A3 Signal Connections
INPUT PIN NUMBER
DEVICE
INPUT
SIGNAL
MODULE
INPUT
NAME
MODULE
BLOCK
MODULE
OUTPUT
SIGNAL
OUTPUT PIN NUMBER
PW20, N20
PW28
RHB32
PW20, N20
PW28
RHB32
P1.0-2
P1.0-2
P1.0-31
TACLK
TACLK
Timer
NA
ACLK
ACLK
SMCLK
SMCLK
PinOsc
PinOsc
PinOsc
TACLK
INCLK
P1.1-3
P1.1-3
P1.1-1
TA0.0
CCI0A
CCR0
TA0
P1.1-3
P1.1-3
P1.1-1
ACLK
CCI0B
P1.5-7
P1.5-7
P1.5-5
VSS
GND
–
P3.4-15
P3.4-14
VCC
VCC
P1.2-4
P1.2-4
P1.2-2
TA0.1
CCI1A
CCR1
TA1
P1.2-4
P1.2-4
P1.2-2
CAOUT
CCI1B
P1.6-14
P1.6-22
P1.6-21
VSS
GND
P2.6-19
P2.6-27
P2.6-26
VCC
VCC
–
P3.5-19
P3.5-18
–
P3.0-9
P3.0-7
TA0.2
CCI2A
CCR2
TA2
–
P3.0-9
P3.0-7
PinOsc
PinOsc
PinOsc
TA0.2
CCI2B
–
P3.6-20
P3.6-19
VSS
GND
VCC
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com