Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP430 Datasheet(PDF) 4 Page - Texas Instruments

Part # MSP430
Description  MSP430G2x33, MSP430G2x03 Mixed-Signal Microcontrollers
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

MSP430 Datasheet(HTML) 4 Page - Texas Instruments

  MSP430 Datasheet HTML 1Page - Texas Instruments MSP430 Datasheet HTML 2Page - Texas Instruments MSP430 Datasheet HTML 3Page - Texas Instruments MSP430 Datasheet HTML 4Page - Texas Instruments MSP430 Datasheet HTML 5Page - Texas Instruments MSP430 Datasheet HTML 6Page - Texas Instruments MSP430 Datasheet HTML 7Page - Texas Instruments MSP430 Datasheet HTML 8Page - Texas Instruments MSP430 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 96 page
background image
4
MSP430G2533, MSP430G2433, MSP430G2333, MSP430G2233
MSP430G2403, MSP430G2303, MSP430G2203
SLAS734G – APRIL 2011 – REVISED APRIL 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: MSP430G2533 MSP430G2433 MSP430G2333 MSP430G2233 MSP430G2403 MSP430G2303
MSP430G2203
Table of Contents
Copyright © 2011–2016, Texas Instruments Incorporated
Table of Contents
1
Device Overview
......................................... 1
1.1
Features
.............................................. 1
1.2
Applications
........................................... 1
1.3
Description
............................................ 1
1.4
Functional Block Diagrams
........................... 2
2
Revision History
......................................... 5
3
Device Comparison
..................................... 6
3.1
Related Products
..................................... 7
4
Terminal Configuration and Functions
.............. 8
4.1
Pin Diagrams
......................................... 8
4.2
Signal Descriptions
.................................. 10
5
Specifications
........................................... 13
5.1
Absolute Maximum Ratings
........................ 13
5.2
ESD Ratings
........................................ 13
5.3
Recommended Operating Conditions
............... 13
5.4
Active Mode Supply Current Into VCC Excluding
External Current
..................................... 14
5.5
Typical Characteristics, Active Mode Supply Current
(Into VCC)............................................ 15
5.6
Low-Power Mode Supply Currents (Into VCC)
Excluding External Current
.......................... 16
5.7
Typical Characteristics, Low-Power Mode Supply
Currents
............................................. 17
5.8
Thermal Resistance Characteristics
................ 18
5.9
Schmitt-Trigger Inputs, Ports Px
.................... 19
5.10
Leakage Current, Ports Px
.......................... 19
5.11
Outputs, Ports Px
................................... 19
5.12
Output Frequency, Ports Px
........................ 19
5.13
Typical Characteristics – Outputs
................... 20
5.14
Pin-Oscillator Frequency – Ports Px
................ 21
5.15
Typical Characteristics – Pin-Oscillator Frequency
. 21
5.16
POR, BOR
.......................................... 22
5.17
Main DCO Characteristics
.......................... 24
5.18
DCO Frequency
..................................... 24
5.19
Calibrated DCO Frequencies, Tolerance
........... 25
5.20
Wake-up Times From Lower-Power Modes (LPM3,
LPM4)
.............................................. 26
5.21
Typical Characteristics, DCO Clock Wake-up Time
From LPM3 or LPM4
................................ 26
5.22
Crystal Oscillator, XT1, Low-Frequency Mode
..... 27
5.23
Internal Very-Low-Power Low-Frequency Oscillator
(VLO)
................................................ 27
5.24
Timer_A
............................................. 27
5.25
USCI (UART Mode)
................................. 28
5.26
USCI (SPI Master Mode)
............................ 28
5.27
USCI (SPI Slave Mode)
............................. 29
5.28
USCI (I2C Mode)
.................................... 30
5.29
10-Bit ADC, Power Supply and Input Range
Conditions (MSP430G2x33 Only)
................... 31
5.30
10-Bit ADC, Built-In Voltage Reference
(MSP430G2x33 Only)
............................... 32
5.31
10-Bit ADC, External Reference (MSP430G2x33
Only)
................................................. 33
5.32
10-Bit ADC, Timing Parameters (MSP430G2x33
Only)
................................................. 33
5.33
10-Bit ADC, Linearity Parameters (MSP430G2x33
Only)
................................................. 33
5.34
10-Bit ADC, Temperature Sensor and Built-In VMID
(MSP430G2x33 Only)
............................... 34
5.35
Flash Memory
....................................... 34
5.36
RAM
................................................. 35
5.37
JTAG and Spy-Bi-Wire Interface
.................... 35
5.38
JTAG Fuse
.......................................... 35
6
Detailed Description
................................... 36
6.1
CPU
................................................. 36
6.2
Instruction Set
....................................... 37
6.3
Operating Modes
.................................... 38
6.4
Interrupt Vector Addresses
.......................... 39
6.5
Special Function Registers (SFRs)
................. 40
6.6
Memory Organization
............................... 41
6.7
Bootloader (BSL)
.................................... 41
6.8
Flash Memory
....................................... 42
6.9
Peripherals
.......................................... 42
6.10
I/O Port Diagrams
................................... 48
7
Device and Documentation Support
............... 64
7.1
Getting Started and Next Steps
..................... 64
7.2
Device Nomenclature
............................... 64
7.3
Tools and Software
................................. 66
7.4
Documentation Support
............................. 68
7.5
Related Links
........................................ 70
7.6
Community Resources
.............................. 71
7.7
Trademarks
.......................................... 71
7.8
Electrostatic Discharge Caution
..................... 71
7.9
Glossary
............................................. 71
8
Mechanical, Packaging, and Orderable
Information
.............................................. 72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com