Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP430 Datasheet(PDF) 46 Page - Texas Instruments

Part # MSP430
Description  MSP430G2x33, MSP430G2x03 Mixed-Signal Microcontrollers
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

MSP430 Datasheet(HTML) 46 Page - Texas Instruments

Back Button MSP430 Datasheet HTML 42Page - Texas Instruments MSP430 Datasheet HTML 43Page - Texas Instruments MSP430 Datasheet HTML 44Page - Texas Instruments MSP430 Datasheet HTML 45Page - Texas Instruments MSP430 Datasheet HTML 46Page - Texas Instruments MSP430 Datasheet HTML 47Page - Texas Instruments MSP430 Datasheet HTML 48Page - Texas Instruments MSP430 Datasheet HTML 49Page - Texas Instruments MSP430 Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 96 page
background image
46
MSP430G2533, MSP430G2433, MSP430G2333, MSP430G2233
MSP430G2403, MSP430G2303, MSP430G2203
SLAS734G – APRIL 2011 – REVISED APRIL 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: MSP430G2533 MSP430G2433 MSP430G2333 MSP430G2233 MSP430G2403 MSP430G2303
MSP430G2203
Detailed Description
Copyright © 2011–2016, Texas Instruments Incorporated
6.9.9
Peripheral File Map
Table 6-14 lists the registers that support word access. Table 6-15 that support byte access.
Table 6-14. Peripherals With Word Access
MODULE
REGISTER DESCRIPTION
ACRONYM
OFFSET
ADC10 (MSP430G2x33 only)
ADC data transfer start address
ADC10SA
1BCh
ADC memory
ADC10MEM
1B4h
ADC control register 1
ADC10CTL1
1B2h
ADC control register 0
ADC10CTL0
1B0h
Timer1_A3
Capture/compare register
TA1CCR2
0196h
Capture/compare register
TA1CCR1
0194h
Capture/compare register
TA1CCR0
0192h
Timer_A register
TA1R
0190h
Capture/compare control
TA1CCTL2
0186h
Capture/compare control
TA1CCTL1
0184h
Capture/compare control
TA1CCTL0
0182h
Timer_A control
TA1CTL
0180h
Timer_A interrupt vector
TA1IV
011Eh
Timer0_A3
Capture/compare register
TA0CCR2
0176h
Capture/compare register
TA0CCR1
0174h
Capture/compare register
TA0CCR0
0172h
Timer_A register
TA0R
0170h
Capture/compare control
TA0CCTL2
0166h
Capture/compare control
TA0CCTL1
0164h
Capture/compare control
TA0CCTL0
0162h
Timer_A control
TA0CTL
0160h
Timer_A interrupt vector
TA0IV
012Eh
Flash Memory
Flash control 3
FCTL3
012Ch
Flash control 2
FCTL2
012Ah
Flash control 1
FCTL1
0128h
Watchdog Timer+
Watchdog timer control
WDTCTL
0120h
Table 6-15. Peripherals With Byte Access
MODULE
REGISTER DESCRIPTION
ACRONYM
OFFSET
USCI_B0
USCI_B0 transmit buffer
UCB0TXBUF
06Fh
USCI_B0 receive buffer
UCB0RXBUF
06Eh
USCI_B0 status
UCB0STAT
06Dh
USCI B0 I2C Interrupt enable
UCB0CIE
06Ch
USCI_B0 bit rate control 1
UCB0BR1
06Bh
USCI_B0 bit rate control 0
UCB0BR0
06Ah
USCI_B0 control 1
UCB0CTL1
069h
USCI_B0 control 0
UCB0CTL0
068h
USCI_B0 I2C slave address
UCB0SA
011Ah
USCI_B0 I2C own address
UCB0OA
0118h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com