Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP430 Datasheet(PDF) 10 Page - Texas Instruments

Part # MSP430
Description  MSP430G2x33, MSP430G2x03 Mixed-Signal Microcontrollers
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

MSP430 Datasheet(HTML) 10 Page - Texas Instruments

Back Button MSP430 Datasheet HTML 6Page - Texas Instruments MSP430 Datasheet HTML 7Page - Texas Instruments MSP430 Datasheet HTML 8Page - Texas Instruments MSP430 Datasheet HTML 9Page - Texas Instruments MSP430 Datasheet HTML 10Page - Texas Instruments MSP430 Datasheet HTML 11Page - Texas Instruments MSP430 Datasheet HTML 12Page - Texas Instruments MSP430 Datasheet HTML 13Page - Texas Instruments MSP430 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 96 page
background image
10
MSP430G2533, MSP430G2433, MSP430G2333, MSP430G2233
MSP430G2403, MSP430G2303, MSP430G2203
SLAS734G – APRIL 2011 – REVISED APRIL 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: MSP430G2533 MSP430G2433 MSP430G2333 MSP430G2233 MSP430G2403 MSP430G2303
MSP430G2203
Terminal Configuration and Functions
Copyright © 2011–2016, Texas Instruments Incorporated
(1)
MSP430G2x33 devices only
4.2
Signal Descriptions
Table 4-1 describes the signals.
Table 4-1. Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
PW20,
N20
PW28
RHB32
P1.0/
2
2
31
I/O
General-purpose digital I/O pin
TA0CLK/
Timer0_A, clock signal TACLK input
ACLK/
ACLK signal output
A0
ADC10 analog input A0(1)
P1.1/
3
3
1
I/O
General-purpose digital I/O pin
TA0.0/
Timer0_A, capture: CCI0A input, compare: Out0 output / BSL transmit
UCA0RXD/
USCI_A0 receive data input in UART mode
UCA0SOMI/
USCI_A0 slave data out/master in SPI mode
A1
ADC10 analog input A1(1)
P1.2/
4
4
2
I/O
General-purpose digital I/O pin
TA0.1/
Timer0_A, capture: CCI1A input, compare: Out1 output
UCA0TXD/
USCI_A0 transmit data output in UART mode
UCA0SIMO/
USCI_A0 slave data in/master out in SPI mode
A2
ADC10 analog input A2(1)
P1.3/
5
5
3
I/O
General-purpose digital I/O pin
ADC10CLK/
ADC10, conversion clock output(1)
A3/
ADC10 analog input A3(1)
VREF-/VEREF-
ADC10 negative reference voltage (1)
P1.4/
6
6
4
I/O
General-purpose digital I/O pin
SMCLK/
SMCLK signal output
UCB0STE/
USCI_B0 slave transmit enable
UCA0CLK/
USCI_A0 clock input/output
A4/
ADC10 analog input A4(1)
VREF+/VEREF+
ADC10 positive reference voltage(1)
TCK
JTAG test clock, input terminal for device programming and test
P1.5/
7
7
5
I/O
General-purpose digital I/O pin
TA0.0/
Timer0_A, compare: Out0 output / BSL receive
UCB0CLK/
USCI_B0 clock input/output
UCA0STE/
USCI_A0 slave transmit enable
A5/
ADC10 analog input A5(1)
TMS
JTAG test mode select, input terminal for device programming and test
P1.6/
14
22
21
I/O
General-purpose digital I/O pin
TA0.1/
Timer0_A, compare: Out1 output
A6/
ADC10 analog input A6(1)
UCB0SOMI/
USCI_B0 slave out/master in SPI mode,
UCB0SCL/
USCI_B0 SCL I2C clock in I2C mode
TDI/TCLK
JTAG test data input or test clock input during programming and test



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com