Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP430 Datasheet(PDF) 21 Page - Texas Instruments

Part # MSP430
Description  MSP430G2x33, MSP430G2x03 Mixed-Signal Microcontrollers
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

MSP430 Datasheet(HTML) 21 Page - Texas Instruments

Back Button MSP430 Datasheet HTML 17Page - Texas Instruments MSP430 Datasheet HTML 18Page - Texas Instruments MSP430 Datasheet HTML 19Page - Texas Instruments MSP430 Datasheet HTML 20Page - Texas Instruments MSP430 Datasheet HTML 21Page - Texas Instruments MSP430 Datasheet HTML 22Page - Texas Instruments MSP430 Datasheet HTML 23Page - Texas Instruments MSP430 Datasheet HTML 24Page - Texas Instruments MSP430 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 96 page
background image
C
− External Capacitance − pF
LOAD
0.00
0.15
0.30
0.45
0.60
0.75
0.90
1.05
1.20
1.35
1.50
10
50
100
P1.y
P2.0 to P2.5
P2.6, P2.7
V
= 3.0 V
CC
C
− External Capacitance − pF
LOAD
0.00
0.15
0.30
0.45
0.60
0.75
0.90
1.05
1.20
1.35
1.50
10
50
100
P1.y
P2.0 to P2.5
P2.6, P2.7
V
= 2.2 V
CC
21
MSP430G2533, MSP430G2433, MSP430G2333, MSP430G2233
MSP430G2403, MSP430G2303, MSP430G2203
www.ti.com
SLAS734G – APRIL 2011 – REVISED APRIL 2016
Submit Documentation Feedback
Product Folder Links: MSP430G2533 MSP430G2433 MSP430G2333 MSP430G2233 MSP430G2403 MSP430G2303
MSP430G2203
Specifications
Copyright © 2011–2016, Texas Instruments Incorporated
(1)
A resistive divider with two 50-k
Ω resistors between VCC and VSS is used as load. The output is connected to the center tap of the
divider.
(2)
The output voltage reaches at least 10% and 90% VCC at the specified toggle frequency.
5.14 Pin-Oscillator Frequency – Ports Px
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
foP1.x
Port output oscillation frequency
P1.y, CL = 10 pF, RL = 100 kΩ
(1) (2)
3 V
1400
kHz
P1.y, CL = 20 pF, RL = 100 kΩ
(1) (2)
900
foP2.x
Port output oscillation frequency
P2.0 to P2.5, CL = 10 pF, RL = 100 kΩ
(1) (2)
3 V
1800
kHz
P2.0 to P2.5, CL = 20 pF, RL = 100 kΩ
(1) (2)
1000
foP2.6/7
Port output oscillation frequency
P2.6 and P2.7, CL = 20 pF, RL = 100
k
Ω(1)(2)
3 V
700
kHz
foP3.x
Port output oscillation frequency
P3.y, CL = 10 pF, RL = 100 kΩ
(1) (2)
3 V
1800
kHz
P3.y, CL = 20 pF, RL = 100 kΩ
(1) (2)
1000
5.15 Typical Characteristics – Pin-Oscillator Frequency
One output active at a time.
Figure 5-10. Typical Oscillating Frequency vs Load Capacitance
One output active at a time.
Figure 5-11. Typical Oscillating Frequency vs Load Capacitance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com