Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP430 Datasheet(PDF) 40 Page - Texas Instruments

Part # MSP430
Description  MSP430G2x33, MSP430G2x03 Mixed-Signal Microcontrollers
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

MSP430 Datasheet(HTML) 40 Page - Texas Instruments

Back Button MSP430 Datasheet HTML 36Page - Texas Instruments MSP430 Datasheet HTML 37Page - Texas Instruments MSP430 Datasheet HTML 38Page - Texas Instruments MSP430 Datasheet HTML 39Page - Texas Instruments MSP430 Datasheet HTML 40Page - Texas Instruments MSP430 Datasheet HTML 41Page - Texas Instruments MSP430 Datasheet HTML 42Page - Texas Instruments MSP430 Datasheet HTML 43Page - Texas Instruments MSP430 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 96 page
background image
40
MSP430G2533, MSP430G2433, MSP430G2333, MSP430G2233
MSP430G2403, MSP430G2303, MSP430G2203
SLAS734G – APRIL 2011 – REVISED APRIL 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: MSP430G2533 MSP430G2433 MSP430G2333 MSP430G2233 MSP430G2403 MSP430G2303
MSP430G2203
Detailed Description
Copyright © 2011–2016, Texas Instruments Incorporated
6.5
Special Function Registers (SFRs)
Most interrupt and module enable bits are collected into the lowest address space. Special function
register bits not allocated to a functional purpose are not physically present in the device. Simple software
access is provided with this arrangement.
Legend
rw
Bit can be read and written.
rw-0, rw-1
Bit can be read and written. It is reset or set by PUC.
rw-(0), rw-(1)
Bit can be read and written. It is reset or set by POR.
SFR bit is not present in device.
Figure 6-2. Interrupt Enable Register 1 (Address = 00h)
7
6
5
4
3
2
1
0
ACCVIE
NMIIE
OFIE
WDTIE
rw-0
rw-0
rw-0
rw-0
Table 6-4. Interrupt Enable Register 1 Description
Bit
Field
Type
Reset
Description
5
ACCVIE
RW
0h
Flash access violation interrupt enable
4
NMIIE
RW
0h
(Non)maskable interrupt enable
1
OFIE
RW
0h
Oscillator fault interrupt enable
0
WDTIE
RW
0h
Watchdog Timer interrupt enable. Inactive if watchdog mode is selected. Active if
Watchdog Timer is configured in interval timer mode.
Figure 6-3. Interrupt Enable Register 2 (Address = 01h)
7
6
5
4
3
2
1
0
UCB0TXIE
UCB0RXIE
UCA0TXIE
UCA0RXIE
rw-0
rw-0
rw-0
rw-0
Table 6-5. Interrupt Enable Register 2 Description
Bit
Field
Type
Reset
Description
3
UCB0TXIE
RW
0h
USCI_B0 transmit interrupt enable
2
UCB0RXIE
RW
0h
USCI_B0 receive interrupt enable
1
UCA0TXIE
RW
0h
USCI_A0 transmit interrupt enable
0
UCA0RXIE
RW
0h
USCI_A0 receive interrupt enable
Figure 6-4. Interrupt Flag Register 1 (Address = 02h)
7
6
5
4
3
2
1
0
NMIIFG
RSTIFG
PORIFG
OFIFG
WDTIFG
rw-0
rw-(0)
rw-(1)
rw-1
rw-(0)
Table 6-6. Interrupt Flag Register 1 Description
Bit
Field
Type
Reset
Description
4
NMIIFG
RW
0h
Set by the RST/NMI pin
3
RSTIFG
RW
0h
External reset interrupt flag. Set on a reset condition at RST/NMI pin in reset
mode. Reset on VCC power-up.
2
PORIFG
RW
1h
Power-On Reset interrupt flag. Set on VCC power-up.
1
OFIFG
RW
1h
Flag set on oscillator fault.
0
WDTIFG
RW
0h
Set on watchdog timer overflow (in watchdog mode) or security key violation.
Reset on VCC power-on or a reset condition at the RST/NMI pin in reset mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com