Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99PM72GXP Datasheet(PDF) 51 Page - STMicroelectronics

Part # L99PM72GXP
Description  Advanced power management system IC with embedded LIN and high speed CAN transceiver supporting CAN Partial Networking
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PM72GXP Datasheet(HTML) 51 Page - STMicroelectronics

Back Button L99PM72GXP Datasheet HTML 47Page - STMicroelectronics L99PM72GXP Datasheet HTML 48Page - STMicroelectronics L99PM72GXP Datasheet HTML 49Page - STMicroelectronics L99PM72GXP Datasheet HTML 50Page - STMicroelectronics L99PM72GXP Datasheet HTML 51Page - STMicroelectronics L99PM72GXP Datasheet HTML 52Page - STMicroelectronics L99PM72GXP Datasheet HTML 53Page - STMicroelectronics L99PM72GXP Datasheet HTML 54Page - STMicroelectronics L99PM72GXP Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 129 page
background image
DocID024767 Rev 4
51/129
L99PM72GXP
Electrical specifications
128
Figure 26. Thermal data of PowerSSO-36
P ad s o ldered
0
5
10
15
20
25
30
35
0.0 001
0.00 1
0 .0 1
0 .1
1
1 0
100
100 0
Tim e (s)
Pow erSSO -3 6 on 2 s 2 p
Pow erSSO -3 6 on 2 s 2 p th. e nh.
P ad s o ldered
0
5
10
15
20
25
30
35
0.0 001
0.00 1
0 .0 1
0 .1
1
1 0
100
100 0
Tim e (s)
Pow erSSO -3 6 on 2 s 2 p
Pow erSSO -3 6 on 2 s 2 p th. e nh.
AG00022V1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com