Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99PM72GXP Datasheet(PDF) 24 Page - STMicroelectronics

Part # L99PM72GXP
Description  Advanced power management system IC with embedded LIN and high speed CAN transceiver supporting CAN Partial Networking
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PM72GXP Datasheet(HTML) 24 Page - STMicroelectronics

Back Button L99PM72GXP Datasheet HTML 20Page - STMicroelectronics L99PM72GXP Datasheet HTML 21Page - STMicroelectronics L99PM72GXP Datasheet HTML 22Page - STMicroelectronics L99PM72GXP Datasheet HTML 23Page - STMicroelectronics L99PM72GXP Datasheet HTML 24Page - STMicroelectronics L99PM72GXP Datasheet HTML 25Page - STMicroelectronics L99PM72GXP Datasheet HTML 26Page - STMicroelectronics L99PM72GXP Datasheet HTML 27Page - STMicroelectronics L99PM72GXP Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 129 page
background image
Detailed description
L99PM72GXP
24/129
DocID024767 Rev 4
Figure 9. Main operating modes
2.4
Configurable window watchdog
During normal operation, the watchdog monitors the micro controller within a programmable
trigger cycle: (10 ms, 50 ms, 100 ms, 200 ms)
In VBat_standby and Flash program modes, the watchdog circuit is automatically disabled. In
V1_standby mode a wake up by timer is programmable in order to wake up the µC (see
Section 2.2.10). After wake-up, the Watchdog starts with a long open window. After serving
the watchdog, the microcontroller may send the device back to V1_standby mode.
After power-on or Standby mode, the watchdog is started with a long open window (65 ms
nominal). The long open window allows the micro controller to run its own setup and then to
trigger the watchdog via the SPI. The trigger is processed when the CSN input becomes
HIGH after the transmission of the SPI word.
Writing '1' to the watchdog trigger bit terminates the long open window and start the window
watchdog (the timing is programmable by SPI). Subsequently, the micro controller has to



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com