Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99PM72GXP Datasheet(PDF) 21 Page - STMicroelectronics

Part # L99PM72GXP
Description  Advanced power management system IC with embedded LIN and high speed CAN transceiver supporting CAN Partial Networking
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PM72GXP Datasheet(HTML) 21 Page - STMicroelectronics

Back Button L99PM72GXP Datasheet HTML 17Page - STMicroelectronics L99PM72GXP Datasheet HTML 18Page - STMicroelectronics L99PM72GXP Datasheet HTML 19Page - STMicroelectronics L99PM72GXP Datasheet HTML 20Page - STMicroelectronics L99PM72GXP Datasheet HTML 21Page - STMicroelectronics L99PM72GXP Datasheet HTML 22Page - STMicroelectronics L99PM72GXP Datasheet HTML 23Page - STMicroelectronics L99PM72GXP Datasheet HTML 24Page - STMicroelectronics L99PM72GXP Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 129 page
background image
DocID024767 Rev 4
21/129
L99PM72GXP
Detailed description
128
To prevent the system from a deadlock condition (no wake up possible) a configuration
where the periodic timer interrupt and wake up by LIN and HS CAN are disabled, is not
allowed. The default configuration is entered for all wake-up sources in case of such an
invalid setting.
All wake-up events from V1_standby mode (except IV1 > ICMP) are indicated to the
microcontroller by a low-pulse (duration: 56 µs) at RxDL/NINT or RxDC/NINT (see Table 3:
CAN wake-up signalization)
Wake-up from V1_standby by SPI Access might be used to check the interrupt service
handler.
2.2.8
Wake up inputs
The de-bounced digital inputs WU1...WU3 can be used to wake up the L99PM72GXP from
standby modes. These inputs are sensitive to any level transition (positive and negative
edge)
For static contact monitoring, a filter time of 64µs is implemented at WU1-3. The filter is
started when the input voltage passes the specified threshold.
In addition to the continuous sensing (static contact monitoring) at the wake up inputs, a
cyclic sense functionality is implemented. This feature allows periodical activation of the
wake-up inputs to read the status of the external contacts. The periodical activation can be
linked to Timer 1 or Timer 2 (see Section 2.2.9). The input signal is filtered with a filter time
of 16 µs after a programmable delay (80 µs or 800 µs) according to the configured Timer
On-time. A wake-up is processed if the status has changed versus the previous cycle.
The Outputs OUT_HS and OUT1-4 can be used to supply the external contacts with the
timer setting according to the cyclic monitoring of the wake-up inputs.
If the wake-up inputs are configured for cyclic sense mode the input filter timing and input
filter delay (WUx_filt in control register 2) must correspond to the setting of the High Side
Output which supplies the external contact switches (OUTx in control register 0).
In Standby Mode, the inputs WU1-3 are SPI configurable for pull-up or pull-down current
source configuration according to the setup of the external. In active mode the inputs have a
pull down resistor.
In Active Mode, the input status can be read by SPI (Status Register 2). Static sense should
be configured (Control Register 2) before the read operation is started (In cyclic sense
IV1 >ICMP
Device remains in V1_standby mode but watchdog is enabled (If ICMP =0)
and the V1 regulator goes into High Current Mode (Increased Current
Consumption). No interrupt is generated.
Timer Interrupt /
Wake up of µC by TIMER
programmable by SPI
–V1_standby Mode: device wakes up and Interrupt signal is generated at
RxDL/NINT when programmable timeout has elapsed
–VBat_standby Mode: device wakes up, V1 regulator is turned on and
NRESET signal is generated when programmable timeout has elapsed
SPI Access
Always active (except in VBat_standby mode)
Wake up event: CSN is low and first rising edge on CLK
Table 4. Wake up from Standby Modes (continued)
Wake up source
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com