Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99PM72GXP Datasheet(PDF) 41 Page - STMicroelectronics

Part # L99PM72GXP
Description  Advanced power management system IC with embedded LIN and high speed CAN transceiver supporting CAN Partial Networking
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PM72GXP Datasheet(HTML) 41 Page - STMicroelectronics

Back Button L99PM72GXP Datasheet HTML 37Page - STMicroelectronics L99PM72GXP Datasheet HTML 38Page - STMicroelectronics L99PM72GXP Datasheet HTML 39Page - STMicroelectronics L99PM72GXP Datasheet HTML 40Page - STMicroelectronics L99PM72GXP Datasheet HTML 41Page - STMicroelectronics L99PM72GXP Datasheet HTML 42Page - STMicroelectronics L99PM72GXP Datasheet HTML 43Page - STMicroelectronics L99PM72GXP Datasheet HTML 44Page - STMicroelectronics L99PM72GXP Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 129 page
background image
DocID024767 Rev 4
41/129
L99PM72GXP
Detailed description
128
serial communication can be started. The state during CSN = 0 is called a communication
frame.
If CSN = low for t > tCSNfail the DO output is switched to high impedance in order to not
block the signal line for other SPI nodes.
Serial Data In (DI)
The input pin is used to transfer data serial into the device. The data applied to the DI are
sampled at the rising edge of the CLK signal and shifted into an internal 24 bit shift register.
At the rising edge of the CSN signal the contents of the shift register is transferred to Data
Input Register. The writing to the selected Data Input Register is only enabled if exactly 24
bits are transmitted within one communication frame (i.e. CSN low). If more or less clock
pulses are counted within one frame the complete frame is ignored. This safety function is
implemented to avoid an activation of the output stages by a wrong communication frame.
Note:
Due to this safety functionality a daisy chaining of SPI is not possible. Instead, a parallel
operation of the SPI bus by controlling the CSN signal of the connected IC's is
recommended.
Serial Data Out (DO)
The data output driver is activated by a logical low level at the CSN input and goes from high
impedance to a low or high level depending on the global error flag (fault condition). The first
rising edge of the CLK input after a high to low transition of the CSN pin transfers the
content of the selected status register into the data out shift register. Each subsequent
falling edge of the CLK shifts the next bit out.
Serial Clock (CLK)
The CLK input is used to synchronize the input and output serial bit streams. The data input
(DI) is sampled at the rising edge of the CLK and the data output (DO) changes with the
falling edge of the CLK signal. The SPI can be driven with a CLK Frequency up to 1 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com