Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99PM72GXP Datasheet(PDF) 23 Page - STMicroelectronics

Part # L99PM72GXP
Description  Advanced power management system IC with embedded LIN and high speed CAN transceiver supporting CAN Partial Networking
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PM72GXP Datasheet(HTML) 23 Page - STMicroelectronics

Back Button L99PM72GXP Datasheet HTML 19Page - STMicroelectronics L99PM72GXP Datasheet HTML 20Page - STMicroelectronics L99PM72GXP Datasheet HTML 21Page - STMicroelectronics L99PM72GXP Datasheet HTML 22Page - STMicroelectronics L99PM72GXP Datasheet HTML 23Page - STMicroelectronics L99PM72GXP Datasheet HTML 24Page - STMicroelectronics L99PM72GXP Datasheet HTML 25Page - STMicroelectronics L99PM72GXP Datasheet HTML 26Page - STMicroelectronics L99PM72GXP Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 129 page
background image
DocID024767 Rev 4
23/129
L99PM72GXP
Detailed description
128
Operational amplifiers
On
Off
Off
LIN
LIN 2.1
On
Off(4)
Off(4)
HS_CAN
On / Off(5)
Off(4)
Off(4)
FSO (if configured by
SPI), active by default
Fail safe
output
OUT3/FSO OFF
(6)
OUT3/FSO OFF(6)
OUT3/FSO OFF(6)
Oscillator
On
Off(7)
Off(7)
VS-Monitor
On
(8)
(8)
1.
Supply the processor in low current mode.
2.
Only active when selected via SPI.
3.
Unless disabled by SPI
4.
The bus state is internally stored when going to standby mode. A change of bus state leads to a wake-up
after exceeding of internal filter time (if wake-up by LIN or CAN is not disabled by SPI). Selective Wake
functionality if enabled by SPI
5.
After power-on, the HS CAN transceiver is in ‘CAN Trx Standby’ Mode. It is activated by SPI command
(CAN_ACT = 1)
6.
ON in Failsafe Condition: If Standby mode is entered with active Fail Safe mode, the output remains ON in
Standby mode.
7.
ON, if cyclic sense is enabled.
8.
Cyclic activation = pulsed ON during cyclic sense
Table 5. Functional overview (truth table) (continued)
Function
Comments
Operating modes
Active Mode
V1_standby
static mode
(cyclic sense)
VBat_standby
static mode
(cyclic sense)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com