Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99PM72GXP Datasheet(PDF) 33 Page - STMicroelectronics

Part # L99PM72GXP
Description  Advanced power management system IC with embedded LIN and high speed CAN transceiver supporting CAN Partial Networking
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PM72GXP Datasheet(HTML) 33 Page - STMicroelectronics

Back Button L99PM72GXP Datasheet HTML 29Page - STMicroelectronics L99PM72GXP Datasheet HTML 30Page - STMicroelectronics L99PM72GXP Datasheet HTML 31Page - STMicroelectronics L99PM72GXP Datasheet HTML 32Page - STMicroelectronics L99PM72GXP Datasheet HTML 33Page - STMicroelectronics L99PM72GXP Datasheet HTML 34Page - STMicroelectronics L99PM72GXP Datasheet HTML 35Page - STMicroelectronics L99PM72GXP Datasheet HTML 36Page - STMicroelectronics L99PM72GXP Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 129 page
background image
DocID024767 Rev 4
33/129
L99PM72GXP
Detailed description
128
Permanent dominant
If the bus state is dominant (low) for more than 12 ms a permanent dominant status is
detected. The status bit is latched and can be read and optionally cleared by SPI. The
transmitter is not disabled.
2.8.2
Wake up (from LIN)
In standby mode the L99PM72GXP can receive a wake up from LIN bus. For the wake up
feature the L99PM72GXP logic differentiates two different conditions.
Normal wake up
Normal wake up can occur when the LIN transceiver was set in standby mode while LIN
was in recessive (high) state. A dominant level at LIN for tlinbus, switches the L99PM72GXP
to active mode.
Wake up from short to GND condition
If the LIN transceiver was set in standby mode while LIN was in dominant (low) state,
recessive level at LIN for tlinbus, switchs the L99PM72GXP to active mode.
Note:
A wake up caused by a message on the bus starts the voltage regulator and the
microcontroller to switch the application back to normal operation mode.
2.8.3
LIN Pull-Up
The master node pull-up resistor (1 k
Ω) can be connected to VS using the internal LIN_PU
high side switch. This high side switch can be controlled by SPI in order to allow
disconnection of the pull-up resistor in case of LIN bus short to GND conditions.
Figure 18. Master node configuration using LIN_PU (optional)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com