Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99PM72GXP Datasheet(PDF) 32 Page - STMicroelectronics

Part # L99PM72GXP
Description  Advanced power management system IC with embedded LIN and high speed CAN transceiver supporting CAN Partial Networking
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PM72GXP Datasheet(HTML) 32 Page - STMicroelectronics

Back Button L99PM72GXP Datasheet HTML 28Page - STMicroelectronics L99PM72GXP Datasheet HTML 29Page - STMicroelectronics L99PM72GXP Datasheet HTML 30Page - STMicroelectronics L99PM72GXP Datasheet HTML 31Page - STMicroelectronics L99PM72GXP Datasheet HTML 32Page - STMicroelectronics L99PM72GXP Datasheet HTML 33Page - STMicroelectronics L99PM72GXP Datasheet HTML 34Page - STMicroelectronics L99PM72GXP Datasheet HTML 35Page - STMicroelectronics L99PM72GXP Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 129 page
background image
Detailed description
L99PM72GXP
32/129
DocID024767 Rev 4
2.8
LIN Bus Interface
Features:
•
Speed communication up to 20kbit/s.
•
LIN 2.1 compliant (SAEJ2602 compatible) transceiver.
•
GND disconnection fail safe at module level.
•
Off mode: does not disturb network.
•
GND shift operation at system level.
•
Micro controller Interface with CMOS compatible I/O pins.
•
Internal Pull-up resistor
•
Internal High Side Switch to disconnect Master Pull-up resistor in case of short circuit
of bus signal (b)
•
ESD and transient immunity according to ISO7637 and EN / IEC61000-4-2
•
Matched output slopes and propagation delay
In order to further reduce the current consumption in standby mode, the integrated LIN bus
interface offers an ultra low current consumption.
2.8.1
Error handling
The L99PM72GXP provides the following three error handling features which are not
described in the LIN Spec. V2.1, but are realized in different stand alone LIN transceivers /
micro controllers to switch the application back to normal operation mode.
At VS >VPOR (i.e. VS power-on reset threshold), the LIN transceiver is enabled.
The LIN transmitter is disabled in case of the following errors:
•
Dominant TxDL time out
•
LIN permanent recessive
•
Thermal Shutdown 1
•
VS Over- / Undervoltage
The LIN receiver is not disabled in case of any failure condition.
Dominant TxDL time out
If TXDL is in dominant state (low) for more than 12 ms (typ) the transmitter is disabled, the
status bit is latched and can be read and optionally cleared by SPI. The transmitter remains
disabled until the status register is cleared. This feature can be disabled via SPI.
Permanent recessive
If TXDL changes to dominant (low) state but RXDL signal does not follow within 40 µs the
transmitter is disabled, the status bit is latched and can be read and optionally cleared by
SPI. The transmitter remains disabled until the status register is cleared.
b.
Use of the Master Pull-up switch is optional.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com