Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99PM72GXP Datasheet(PDF) 97 Page - STMicroelectronics

Part # L99PM72GXP
Description  Advanced power management system IC with embedded LIN and high speed CAN transceiver supporting CAN Partial Networking
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PM72GXP Datasheet(HTML) 97 Page - STMicroelectronics

Back Button L99PM72GXP Datasheet HTML 93Page - STMicroelectronics L99PM72GXP Datasheet HTML 94Page - STMicroelectronics L99PM72GXP Datasheet HTML 95Page - STMicroelectronics L99PM72GXP Datasheet HTML 96Page - STMicroelectronics L99PM72GXP Datasheet HTML 97Page - STMicroelectronics L99PM72GXP Datasheet HTML 98Page - STMicroelectronics L99PM72GXP Datasheet HTML 99Page - STMicroelectronics L99PM72GXP Datasheet HTML 100Page - STMicroelectronics L99PM72GXP Datasheet HTML 101Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 129 page
background image
DocID024767 Rev 4
97/129
L99PM72GXP
ST SPI
128
Table 85. Control register 3, bits
Bit
Name
Comment
15
Reserved
Must be kept at default
14
T1_On
Timer 1 “ON” time selections
010 ms
120 ms
13
T1_Per_MSB
Timer 1 period selection
12
T1_Per_LSB
MSB
LSB
00
1 s
01
2 s
10
3 s
11
4 s
Timer 1 is restarted with a valid write command to control register 3
11
Reserved
Must be kept at default
10
T2_On
Timer 2 “ON” time selection
00.1 ms
11 ms
9
T2_Per_MSB
Timer 2 period selection
8
T2_Per_LSB
MSB
LSB
00
10 ms
01
20 ms
10
50 ms
11
200 ms
Timer 2 is restarted with a valid write command to control register 3
7
Reserved
Must be kept at default
6
Reserved
Must be kept at default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com