Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99PM72GXP Datasheet(PDF) 22 Page - STMicroelectronics

Part # L99PM72GXP
Description  Advanced power management system IC with embedded LIN and high speed CAN transceiver supporting CAN Partial Networking
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PM72GXP Datasheet(HTML) 22 Page - STMicroelectronics

Back Button L99PM72GXP Datasheet HTML 18Page - STMicroelectronics L99PM72GXP Datasheet HTML 19Page - STMicroelectronics L99PM72GXP Datasheet HTML 20Page - STMicroelectronics L99PM72GXP Datasheet HTML 21Page - STMicroelectronics L99PM72GXP Datasheet HTML 22Page - STMicroelectronics L99PM72GXP Datasheet HTML 23Page - STMicroelectronics L99PM72GXP Datasheet HTML 24Page - STMicroelectronics L99PM72GXP Datasheet HTML 25Page - STMicroelectronics L99PM72GXP Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 129 page
background image
Detailed description
L99PM72GXP
22/129
DocID024767 Rev 4
configuration, the input status is updated according to the cyclic sense timing; therefore,
reading the input status in this mode may not reflect the actual status).
2.2.9
Cyclic contact supply
In V1_standby and VBat_standby modes, any high side driver output (OUT1..4, OUTHS) can be
used to periodically supply external contacts.
The timing is selectable by SPI
Timer 1: period is X s. The on-time is 10 ms resp. 20 ms: with X
∈ {1, 2, 3, 4s}
Timer 2: period is X ms. The on-time is 100 µs resp. 1 ms: with X
∈ {10, 20, 50, 200 ms}
Timer 1 and Timer 2 are re-started with every valid write command to CR3 (CSN low to high
transition). The timers start with the off-phase.
2.2.10
Timer interrupt / wake-up of microcontroller by timer
During standby modes the cyclic wake up feature, configured via SPI, allows waking up the
µC after a programmable timeout according to timer1 or timer 2.
From V1_standby mode, the L99PM72GXP wakes up (after the selected timer has elapsed)
and sends an interrupt signal (via RxDL/NINT pin) to the µC. The device enters active mode
and the watchdog is started with a long open window. The microcontroller can send the
device back into V1_standby after finishing its tasks.
From Vbat_standby mode, the L99PM72GXP wakes up (after the selected timer has elapsed),
turns on the V1 regulator and provides an NRESET signal to the µC. The device enters
active mode and the watchdog is started with a long open window. The microcontroller can
send the device back into Vbat_standby after finishing its tasks.
2.3
Functional overview (truth table)
Table 5. Functional overview (truth table)
Function
Comments
Operating modes
Active Mode
V1_standby
static mode
(cyclic sense)
VBat_standby
static mode
(cyclic sense)
Voltage regulator, V1
VOUT=5V
On
On(1)
Off
Voltage regulator, V2
VOUT=5V
On/ Off(2)
On(2) / Off
On(2) / Off
Reset generator
On
On
Off
Window watchdog
V1 monitor
On
Off (ON: IV1 >ICMP-
threshold and
ICMP =0)
Off
Wake up
Off
Active(3)
Active(3)
HS-cyclic supply
Oscillator
time base
On / Off
On(2) / Off
On(2) / Off
Relay driver
On
Off
Off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com